Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7333 Datasheet HTML 1Page - STMicroelectronics TDA7333 Datasheet HTML 2Page - STMicroelectronics TDA7333 Datasheet HTML 3Page - STMicroelectronics TDA7333 Datasheet HTML 4Page - STMicroelectronics TDA7333 Datasheet HTML 5Page - STMicroelectronics TDA7333 Datasheet HTML 6Page - STMicroelectronics TDA7333 Datasheet HTML 7Page - STMicroelectronics TDA7333 Datasheet HTML 8Page - STMicroelectronics TDA7333 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
TDA7333
5
Quick Reference
Table 3. Quick Reference (Tamb = 25°C, VDDA/VDDD = 3.3V, fosc = 8.55 MHz)
6
Electrical Specifications
6.1
Absolute Maximum Ratings
Table 4. Absolute Maximum Ratings
6.2
General Interface Electrical Characteristics
Table 5. General Interface Electrical Characteristics
Symbol
Parameter
Values
Unit
Min.
Typ.
Max.
General
VDDA/VDDD
Analog/Digital Power Supply
3.0
3.3
3.6
V
Tamb
Operating temperature
-40
+85
°C
fosc
Quartz Frequency
8.55 or
8.664
MHz
Idd
Total Supply Current
10
mA
Pd
Power Dissipation
33
mW
SRDS
RDS Input Sensitivity
1
mVrms
VMPX
Input Range of MPX Signal
750
mVrms
fSPi
Maximum Speed in SPI mode
1
MHz
fi2c
Maximum Speed in I2C mode
400
kHz
Symbol
Parameter
Test Conditions
Values
Unit
Min.
Typ.
Max.
VDD
3.3 V Power Supply Voltages
-0.5
4
V
Vin
Input Voltage
5V tolerant inputs
-0.5
5.5
V
Vout
Output Voltage
5V tolerant output buffers in tri-state
-0.5
5.5
V
Vpeak
Maximum Peak Voltage
6
V
Symbol
Parameter
Test Conditions
Values
Unit
Min.
Typ.
Max.
Iil
Low Level Input Current
Vi =0V
1
µA
Iih
High Level Input Current
Vi =VDD
1µA
Ioz
Tri-state Output leakage
Vo =0V or VDD
1µA
Vo =5.5V
1
3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com