Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7333 Datasheet HTML 11Page - STMicroelectronics TDA7333 Datasheet HTML 12Page - STMicroelectronics TDA7333 Datasheet HTML 13Page - STMicroelectronics TDA7333 Datasheet HTML 14Page - STMicroelectronics TDA7333 Datasheet HTML 15Page - STMicroelectronics TDA7333 Datasheet HTML 16Page - STMicroelectronics TDA7333 Datasheet HTML 17Page - STMicroelectronics TDA7333 Datasheet HTML 18Page - STMicroelectronics TDA7333 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15/21
TDA7333
8I2C Transfer Mode
This interface consists of three lines: a serial data line (SDA), a bit clock (SCL), and a slave address select (SA).
The interface is capable of operating in fast mode (up to 400kbits/s) but also at lower rates (<100kbits/s).
Data transfers follow the format shown in Fig.8 . After the START condition (S), a slave address is sent. The
address is 7 bits long followed by an eighth bit which is a data direction bit (R/_W).
A ’zero’ indicates a transmission (WRITE), a ’one’ indicates a request for data (READ).
The slave address of the chip is set to 001000S, where S is the least significant bit of the slave address set
externally via the pin SA_DATAOUT. This allows to choose between two addresses in case of conflict with an-
other device of the radio set.
Each byte has to be followed by an acknowledge bit (SDA low).
Data is transfered with the most significant (MSB) bit first.
A data transfer is always terminated by a stop condition (P) generated by the master.
Figure 10. I2C data transfer
8.1 Write transfer
Figure 11. I2C write transfer
Figure 12. I2C write operation example : write of rds_int and rds_bd_ctrl registers
S
P
1-7
8
91-7
8
9
1-7
8
9
SDA
SCL
START
CONDITION
STOP
CONDITION
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK/ACK
S
S lave address
rd s_ int
A
A
A
sinc4reg
A
P
W
te streg
r d s_ b d _c trl
from master to slave
from slave to master
W = write mode
Slave address = 001000S ( where S is the level of the pin
SA_DATAOUT)
A = acknowledge bit
P = stop condition
S = start condition
A
S
SDA
SCL
START
CONDITION
WACK
rds_int[7:0]
rds_bd_ctrl[7:0]
P
STOP
CONDITION
ACK
ACK
SA
CSN 1
0
SLAVE ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com