Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7333 Datasheet HTML 10Page - STMicroelectronics TDA7333 Datasheet HTML 11Page - STMicroelectronics TDA7333 Datasheet HTML 12Page - STMicroelectronics TDA7333 Datasheet HTML 13Page - STMicroelectronics TDA7333 Datasheet HTML 14Page - STMicroelectronics TDA7333 Datasheet HTML 15Page - STMicroelectronics TDA7333 Datasheet HTML 16Page - STMicroelectronics TDA7333 Datasheet HTML 17Page - STMicroelectronics TDA7333 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TDA7333
14/21
(3) select sensitivity of quality bit.
00: minimum (reset value)
11: maximum
Note :
Sinc4reg and testreg are reserved registers dedicated to testing and evaluation.
select PLL’s time constants by software or hardware:
1: software. Time constants are selected by pllb[1:0] resp.
pllf
0: hardware. (reset value) Time constants automatically
increase after a reset.
set the 57kHz pll time constant (1)
bit 0 of 1187.5Hz pll time constant (2)
bit 1 of 1187.5Hz pll time constant (2)
bit 0 of quality sensitivity (3)
bit 1 of quality sensitivity (3)
select oscillator frequency:
1: 8.664MHz
0: 8.55MHz (reset value)
bitname
access
bit7
bit 0
bit1
bit2
bit 3
bit4
bit5
bit6
r
r/w
r/w
r/w
r/w
r/w
r/w
r/w
shw
-
pllb1
freq
qsens0
qsens1
pllb0
pllf
pllb1
1
0
0
0
pllb0
10
1
1
(2)
locktimeneededfor90degdeviation
5ms(resetstatus)
15ms
35ms
76ms
resetvalue
1
0
00
00
0
0
pllf
(1)
0
1
locktimeneededfor90degdeviation
2ms
10ms
rds_bd_ctrl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com