Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7333
Description  RDS/RBDS PROCESSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7333 Datasheet HTML 3Page - STMicroelectronics TDA7333 Datasheet HTML 4Page - STMicroelectronics TDA7333 Datasheet HTML 5Page - STMicroelectronics TDA7333 Datasheet HTML 6Page - STMicroelectronics TDA7333 Datasheet HTML 7Page - STMicroelectronics TDA7333 Datasheet HTML 8Page - STMicroelectronics TDA7333 Datasheet HTML 9Page - STMicroelectronics TDA7333 Datasheet HTML 10Page - STMicroelectronics TDA7333 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
TDA7333
Figure 5. Magnitude Response of Sinc4/16 Filter in RDS Band
7.4 RDS Bandpass Filter and Interpolator
The 8th order digital RDS bandpass filter is of type Tschebyscheff and centered at 57 kHz. With linear phase
characteristics in the passband and approximately flat group delay it guarantees best filter function of the RDS
and ARI signal. Four biquads are cascaded working at a common sampling frequency of XTI/2/16.
Figure 6. Transfer Function of RDS Bandpass Filter
5.4
5.5
5.6
5.7
5.8
5.9
6
x 10
4
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
Sinc4/16 Transfer Function (RDS Band)
Frequency [Hz]
4
4.5
5
5.5
6
6.5
7
x 10
4
100
90
80
70
60
50
40
30
20
10
0
10
Transfer Function of RDS Filter
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com