Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 22Page - Analog Devices ADATE304BBCZ Datasheet HTML 23Page - Analog Devices ADATE304BBCZ Datasheet HTML 24Page - Analog Devices ADATE304BBCZ Datasheet HTML 25Page - Analog Devices ADATE304BBCZ Datasheet HTML 26Page - Analog Devices ADATE304BBCZ Datasheet HTML 27Page - Analog Devices ADATE304BBCZ Datasheet HTML 28Page - Analog Devices ADATE304BBCZ Datasheet HTML 29Page - Analog Devices ADATE304BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
ADATE304
Data Sheet
Rev. C | Page 26 of 51
1.0
0.5
0
–1.0
–0.5
–1.5
–2
–1
0
1
2
3
4
5
6
DRIVER OUTPUT VOLTAGE (V)
Figure 21. Driver VL Linearity Error
0.8
0.6
0.2
–0.2
0.4
0
–0.4
–0.6
–0.8
–1.0
–1.2
–2
–1
01
234567
DRIVER OUTPUT VOLTAGE (V)
Figure 22. Driver VT Linearity Error
48.0
47.6
47.2
46.8
46.4
47.8
47.4
47.0
46.6
46.2
–60
–40
–20
0
20
40
60
DRIVER OUTPUT CURRENT (mA)
Figure 23. Driver Output Resistance vs. Output Current
120
80
100
60
40
20
0
–20
–2
–1
0123
45
7
6
VDUTx (V)
Figure 24. Driver Output Current Limit; Driver Programmed to −1.25 V;
VDUTx Swept from −1.25 V to +6.75 V
20
–20
0
–40
–60
–80
–120
–100
–2
–1
01
2345
7
6
VDUTx (V)
Figure 25. Driver Output Current Limit; Driver Programmed to 6.75 V;
VDUTx Swept from −1.25 V to +6.75 V
8
7
5
3
6
4
2
1
0
–1
–2
–3
–1
0
1
2
3
4
5
6
VL PROGRAMMED VOLTAGE (V)
Figure 26. HVOUT VL Linearity Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com