Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 36Page - Analog Devices ADATE304BBCZ Datasheet HTML 37Page - Analog Devices ADATE304BBCZ Datasheet HTML 38Page - Analog Devices ADATE304BBCZ Datasheet HTML 39Page - Analog Devices ADATE304BBCZ Datasheet HTML 40Page - Analog Devices ADATE304BBCZ Datasheet HTML 41Page - Analog Devices ADATE304BBCZ Datasheet HTML 42Page - Analog Devices ADATE304BBCZ Datasheet HTML 43Page - Analog Devices ADATE304BBCZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
ADATE304
Data Sheet
Rev. C | Page 40 of 51
Table 24. PMU Measure Enable (ADDR[4:0] = 0x0F)1
Bit
Name
Description
DATA[2:1]
MEASOUT01 select
00 = PMU MEASOUT Channel 0
01 = PMU MEASOUT Channel 1
10 = Temperature sensor ground reference
11 = Temperature sensor
DATA[0]
MEASOUT01 output enable
0 = MEASOUT01 is tristated
1 = MEASOUT01 is enabled
1
This register is written to or read from when either of the CH[1:0] bits is 1.
Table 25. Differential Comparator Enable (ADDR[4:0] = 0x10)1
Bit
Name
Description
DATA[0]
Differential Comparator Enable
0 = differential comparator is disabled; the Channel 0 normal window
comparator (NWC) outputs are located on Channel 0
1 = differential comparator is enabled; the differential comparator outputs
are located on Channel 0
1
This register is written to or read from when either of the CH[1:0] bits is 1.
Table 26. DAC16_MON (16-Bit DAC Monitor) (ADDR[4:0] = 0x11)1
Bit
Name
Description
DATA[1]
16-Bit DAC mux enable
0 = 16-bit DAC mux is tristated
1 = 16-bit DAC mux is enabled
DATA[0]
16-Bit DAC mux select
0 = 16-bit DAC Channel 0
1 = 16-bit DAC Channel 1
1
This register is written to or read from when either of the CH[1:0] bits is 1.
Table 27. OVD_CHx Alarm Mask (ADDR[4:0] = 0x12)
Bit
Name
Description
DATA[1]
PMU mask
0 = disable PMU alarm flag
1 = enable PMU alarm flag
DATA[0]
OVD mask
0 = disable OVD alarm flag
1 = enable OVD alarm flag
Table 28. OVD_CHx Alarm State (ADDR[4:0] = 0x13)1
Bit
Name
Description
DATA[2]
PMU clamp flag
0 = PMU is not clamped
1 = PMU is clamped
DATA[1]
OVD high flag
0 = DUT voltage < OVD high voltage
1 = DUT voltage > OVD high voltage
DATA[0]
OVD low flag
0 = DUT voltage > OVD low voltage
1 = DUT voltage < OVD low voltage
1
This register is a read-only register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com