Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 12Page - Analog Devices ADATE304BBCZ Datasheet HTML 13Page - Analog Devices ADATE304BBCZ Datasheet HTML 14Page - Analog Devices ADATE304BBCZ Datasheet HTML 15Page - Analog Devices ADATE304BBCZ Datasheet HTML 16Page - Analog Devices ADATE304BBCZ Datasheet HTML 17Page - Analog Devices ADATE304BBCZ Datasheet HTML 18Page - Analog Devices ADATE304BBCZ Datasheet HTML 19Page - Analog Devices ADATE304BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
ADATE304
Data Sheet
Rev. C | Page 16 of 51
EXTERNAL SENSE (PMUS_CHx)
Table 8.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
EXTERNAL SENSE (PMUS_CHX)
Voltage Range
−1.25
+6.75
V
D
Input Leakage Current
−20
+20
nA
P
Tested at −1.25 V and +6.75 V
DUTGND INPUT
Table 9.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DUTGND INPUT
Input Voltage Range, Referenced to GND
−0.1
+0.1
V
D
Input Bias Current
1
100
μA
P
Tested at −100 mV and +100 mV
SERIAL PERIPHERAL INTERFACE
Table 10.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
SERIAL PERIPHERAL INTERFACE
Serial Input Logic High
1.8
VCC
V
PF
Serial Input Logic Low
0
0.7
V
PF
Input Bias Current
−10
1
+10
μA
P
Tested at 0.0 V and 3.3 V
SCLK Clock Rate
50
MHz
PF
SCLK Pulse Width
9
ns
CT
SCLK Crosstalk on DUTx Pin
8
mV
CB
PE disabled, PMU FV enabled and forcing 0 V
Serial Output Logic High
VCC − 0.4
VCC
V
PF
Sourcing 2 mA
Serial Output Logic Low
0
0.8
V
PF
Sinking 2 mA
Update Time
10
μs
D
Maximum delay time required for the part to
enter a stable state after a serial bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com