Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 39Page - Analog Devices ADATE304BBCZ Datasheet HTML 40Page - Analog Devices ADATE304BBCZ Datasheet HTML 41Page - Analog Devices ADATE304BBCZ Datasheet HTML 42Page - Analog Devices ADATE304BBCZ Datasheet HTML 43Page - Analog Devices ADATE304BBCZ Datasheet HTML 44Page - Analog Devices ADATE304BBCZ Datasheet HTML 45Page - Analog Devices ADATE304BBCZ Datasheet HTML 46Page - Analog Devices ADATE304BBCZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 43 of 51
DETAILS OF DACS vs. LEVELS
There are ten 14-bit DACs per channel. These DACs provide
levels for the driver, comparator, load currents, VHH buffer, OVD,
and clamp levels. There are three versions of output levels as
follows:
•
−2.5 V to +7.5 V and tracks DUTGND. Controls the VH,
VL, VT/VCOM/VHH, VOH, VOL, VCH, and VCL levels.
•
−3.0 V to +7.0 V and tracks DUTGND. Controls the
OVD levels.
•
−2.5 V to +7.5 V and does not track DUTGND. Controls
the IOH and IOL levels.
There is one 16-bit DAC per channel. This DAC provides the
levels for the PMU. The output level is as follows:
•
−2.5 V to +7.5 V and tracks DUTGND; controls the
PMU levels.
Table 32. Level Transfer Functions
DAC Transfer Function
Programmable Range1
(All 0s to All 1s)
Levels
VOUT = 2.0 × (VREF − VREF_GND) × (Code/(214)) − 0.5 × (VREF − VREF_GND) + VDUTGND
Code = [VOUT
− VDUTGND + 0.5 × (VREF − VREF_GND)] × [(214)/(2.0 × (VREF − VREF_GND))]
−2.5 V to +7.5 V
VH, VL, VT/VCOM,
VOL, VOH, VCH, VCL
VOUT = 4.0 × (VREF − VREF_GND) × (Code/(214)) − 1.0 × (VREF − VREF_GND) + 2.0 + VDUTGND
Code = [VOUT
− VDUTGND − 2.0 + 1.0 × (VREF − VREF_GND)] × [(214)/(4.0 × (VREF − VREF_GND))]
−3.0 V to +17.0 V
VHH
VOUT = 2.0 × (VREF − VREF_GND) × (Code/(214)) − 0.6 × (VREF − VREF_GND) + VDUTGND
Code = [VOUT
− VDUTGND + 0.6 × (VREF − VREF_GND)] × [(214)/(2.0 × (VREF − VREF_GND))]
−3.0 V to +7.0 V
OVD
IOUT = [2.0 × (VREF − VREF_GND) × (Code/(214)) − 0.5 × (VREF − VREF_GND)] × (0.012/5.0)
Code = [(IOUT
× (5.0/0.012)) + 0.5 × (VREF − VREF_GND)] × [(214)/(2.0 × (VREF − VREF_GND))]
−6 mA to +18 mA
IOH, IOL
VOUT = 2.0 × (VREF − VREF_GND) × (Code/(216)) − 0.5 × (VREF − VREF_GND) + VDUTGND
Code = [VOUT − VDUTGND + 0.5 × (VREF − VREF_GND)] × [(216)/(2.0 × (VREF − VREF_GND))]
−2.5 V to +7.5 V
PMUDAC
IOUT = [2.0 × (VREF − VREF_GND) × (Code/(216)) − 0.5 × (VREF − VREF_GND) − 2.5] × (0.050/5.0)
Code = [(IOUT
× (5.0/0.050)) + 2.5 + 0.5 × (VREF − VREF_GND)] × [(216)/(2.0 × (VREF − VREF_GND))]
−50 mA to +50 mA
PMUDAC
(PMU FI Range A)
IOUT = [2.0 × (VREF − VREF_GND) × (Code/(216)) − 0.5 × (VREF − VREF_GND) − 2.5] × (0.004/5.0)
Code = [(IOUT × (5.0/0.004)) + 2.5 + 0.5 × (VREF − VREF_GND)] × [(216)/(2.0 × (VREF − VREF_GND))]
−4 mA to +4 mA
PMUDAC
(PMU FI Range B)
IOUT = [2.0 × (VREF − VREF_GND) × (Code/(216)) − 0.5 × (VREF − VREF_GND) − 2.5] × (0.0004/5.0)
Code = [(IOUT × (5.0/0.0004)) + 2.5 + 0.5 × (VREF − VREF_GND)] × [(216)/(2.0 × (VREF − VREF_GND))]
−400 μA to +400 μA
PMUDAC
(PMU FI Range C)
IOUT = [2.0 × (VREF − VREF_GND) × (Code/(216)) − 0.5 × (VREF − VREF_GND) − 2.5] × (0.00004/5.0)
Code = [(IOUT
× (5.0/0.00004)) + 2.5 + 0.5 × (VREF − VREF_GND)] × [(216)/(2.0 × (VREF − VREF_GND))]
−40 μA to +40 μA
PMUDAC
(PMU FI Range D)
IOUT = [2.0 × (VREF − VREF_GND) × (Code/(216)) − 0.5 × (VREF − VREF_GND) − 2.5] × (0.000004/5.0)
Code = [(IOUT
× (5.0/0.000004)) + 2.5 + 0.5 × (VREF − VREF_GND)] × [(216)/(2.0 × (VREF − VREF_GND))]
−4 μA to +4 μA
PMUDAC
(PMU FI Range E)
1
Programmable range includes a margin outside the specified part performance, allowing for offset/gain calibration.
Table 33. Load Transfer Functions
Load Level
Transfer Function1
IOL
V(IOL)/5 V × 12 mA
IOH
V(IOH)/5 V × 12 mA
1
V(IOH)and V(IOL) DAC levels are not referenced to DUTGND.
Table 34. PMU Transfer Functions
PMU Mode
Transfer Functions
Force Voltage
VOUT = PMUDAC
Measure Voltage
VMEASOUT01 = VDUTx (internal sense) or VMEASOUT01 = VPMUS_CHx (external sense)
Force Current
IOUT = [PMUDAC − (VREF/2)]/(R1 × 5)
Measure Current
VMEASOUT01 = (VREF/2) + VDUTGND + (IDUTx × 5 × R1)
1
R = 15.5 Ω for Range A; 250 Ω for Range B; 2.5 kΩ for Range C; 25 kΩ for Range D; 250 kΩ for Range E.
Table 35. PMU User Required Capacitors
Capacitor
Location
220 pF
Across Pin C10 (FFCAP_0B) and Pin E10 (FFCAP_0A)
220 pF
Across Pin C1 (FFCAP _1B) and Pin E1 (FFCAP_1A)
330 pF
Between GND and Pin B9 (SCAP0)
330 pF
Between GND and Pin B2 (SCAP1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com