Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 38Page - Analog Devices ADATE304BBCZ Datasheet HTML 39Page - Analog Devices ADATE304BBCZ Datasheet HTML 40Page - Analog Devices ADATE304BBCZ Datasheet HTML 41Page - Analog Devices ADATE304BBCZ Datasheet HTML 42Page - Analog Devices ADATE304BBCZ Datasheet HTML 43Page - Analog Devices ADATE304BBCZ Datasheet HTML 44Page - Analog Devices ADATE304BBCZ Datasheet HTML 45Page - Analog Devices ADATE304BBCZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
ADATE304
Data Sheet
Rev. C | Page 42 of 51
Table 31. Comparator Truth Table
Differential
Comparator Enable
DATA[0]
ADDR[4:0] = 0x10
COMP_QH0
COMP_QL0
COMP_QH1
COMP_QL1
0
Normal window mode
Normal window mode
Normal window mode
Normal window mode
Logic high: VOH0 < VDUT0
Logic high: VOL0 < VDUT0
Logic high: VOH1 < VDUT1
Logic high: VOL1 < VDUT1
Logic low: VOH0 > VDUT0
Logic low: VOL0 > VDUT0
Logic low: VOH1 > VDUT1
Logic low: VOL1 > VDUT1
1
Differential comparator mode
Differential comparator mode
Normal window mode
Normal window mode
Logic high: VOH0 < VDUT0 − VDUT1
Logic high: VOL0 < VDUT0 − VDUT1
Logic high: VOH1 < VDUT1
Logic high: VOL1 < VDUT1
Logic low: VOH0 > VDUT0 − VDUT1
Logic low: VOL0 > VDUT0 − VDUT1
Logic low: VOH1 > VDUT1
Logic low: VOL1 > VDUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com