Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 41Page - Analog Devices ADATE304BBCZ Datasheet HTML 42Page - Analog Devices ADATE304BBCZ Datasheet HTML 43Page - Analog Devices ADATE304BBCZ Datasheet HTML 44Page - Analog Devices ADATE304BBCZ Datasheet HTML 45Page - Analog Devices ADATE304BBCZ Datasheet HTML 46Page - Analog Devices ADATE304BBCZ Datasheet HTML 47Page - Analog Devices ADATE304BBCZ Datasheet HTML 48Page - Analog Devices ADATE304BBCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 45 of 51
RECOMMENDED PMU MODE SWITCHING
SEQUENCES
To minimize any possible aberrations and voltage spikes on the
DUT output, specific mode switching sequences are recommended
for the following transitions:
•
PMU disable to PMU enable.
•
PMU force voltage mode to PMU force current mode.
•
PMU force current mode to PMU force voltage mode.
PMU Disable to PMU Enable
Note that, in Table 39 through Table 49, X indicates the don’t
care bit.
Step 1. Table 39 lists the state of the registers in PMU disabled
mode.
Table 39.
Register
Bits
Setting
PE/PMU Enable
Register, ADDR[4:0]
= 0x0C
DATA[2]
0
PMU State
Register, ADDR[4:0]
= 0x0E
DATA[9:8]
XX
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
X
DATA[2:0]
XXX
Step 2. Write to Register ADDR[4:0] = 0x0E (see Table 40).
Table 40.
Register
Bits
Setting
Comments
PMU State
Register,
ADDR[4:0] =
0x0E
DATA[9:8]
1X or
00
Set desired input
selection
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
0
This bit must be set
to force voltage mode
to reduce aberrations
DATA[2:0]
XXX
Set desired range
Step 3. Write to Register ADDR[4:0] = 0x0C (see Table 41).
Table 41.
Register
Bits
Setting
Comments
PE/PMU Enable
Register,
ADDR[4:0] = 0x0C
DATA[2]
1
PMU is now enabled
in force voltage
mode
PMU Force Voltage Mode to PMU Force Current Mode
Step 1. Table 42 lists the state of registers in force voltage mode.
Table 42.
Register
Bits
Setting
PE/PMU Enable
Register, ADDR[4:0]
= 0x0C
DATA[2]
1
PMU State Register,
ADDR[4:0] = 0x0E
DATA[9:8]
XX
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
0
DATA[2:0]
XXX
Step 2. Write to Register ADDR[4:0] = 0x0E (see Table 43).
Table 43.
Register
Bits
Setting
Comments
PMU State Register,
ADDR[4:0] = 0x0E
DATA[9:8]
01
Set 2.5 V +
DUTGND input
selection
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
1
Set to force
current mode
DATA[2:0]
0XX
The 2 μA range
has the
minimum offset
current
Step 3. Write to Register ADDR[4:0] = 0x0B (see Table 44).
Table 44.
Register
Bits
Setting
Comments
VIN 16-Bit DAC,
ADDR[4:0] = 0x0B
DATA[15:0]
X
Update the VIN
16-Bit DAC
register to the
desired value
Step 4. Write to Register ADDR[4:0] = 0x0E (see Table 45).
Table 45.
Register
Bits
Setting
Comments
PMU State Register,
ADDR[4:0] = 0x0E
DATA[9:8]
1X
Set VIN input
selection
DATA[7]
X
DATA[6]
X
DATA[5]
X
DATA[4]
X
DATA[3]
1
DATA[2:0]
XXX
Set to the
desired current
range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com