Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 43Page - Analog Devices ADATE304BBCZ Datasheet HTML 44Page - Analog Devices ADATE304BBCZ Datasheet HTML 45Page - Analog Devices ADATE304BBCZ Datasheet HTML 46Page - Analog Devices ADATE304BBCZ Datasheet HTML 47Page - Analog Devices ADATE304BBCZ Datasheet HTML 48Page - Analog Devices ADATE304BBCZ Datasheet HTML 49Page - Analog Devices ADATE304BBCZ Datasheet HTML 50Page - Analog Devices ADATE304BBCZ Datasheet HTML 51Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 51 of 51
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-219 WITH
EXCEPTION TO PACKAGE HEIGHT.
0.80
BSC
A
B
C
D
E
F
G
9
8
7
6
5
4
2
3
1
BOTTOM VIEW
7.20
BSC SQ
H
J
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.12
0.90 REF
0.53
0.48
0.43
0.83
0.76
0.69
0.38
0.33
0.28
BALL DIAMETER
SEATING
PLANE
9.10
9.00 SQ
8.90
A1 BALL
CORNER
A1 BALL
CORNER
*1.20
1.09
1.00
6.731
BSC SQ
K
10
0.36
REF
Figure 81. 84-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-84-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADATE304BBCZ
−40°C to +85°C
84-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-84-2
1
Z = RoHS Compliant Part.
©2008–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07279-0-10/17(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com