Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 13Page - Analog Devices ADATE304BBCZ Datasheet HTML 14Page - Analog Devices ADATE304BBCZ Datasheet HTML 15Page - Analog Devices ADATE304BBCZ Datasheet HTML 16Page - Analog Devices ADATE304BBCZ Datasheet HTML 17Page - Analog Devices ADATE304BBCZ Datasheet HTML 18Page - Analog Devices ADATE304BBCZ Datasheet HTML 19Page - Analog Devices ADATE304BBCZ Datasheet HTML 20Page - Analog Devices ADATE304BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 17 of 51
HVOUT DRIVER
Table 11.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
VHH BUFFER
VHH = (VT + 1 V) × 2 + DUTGND
Voltage Range
5.9
VPLUS − 3.25
V
D
VPLUS = 16.75 V nominal; in this condition, VHVOUT max = 13.5 V
Output High
13.5
V
P
VHH mode enabled, RCV active, VHH level = full scale,
sourcing 15 mA
Output Low
5.9
V
P
VHH mode enabled, RCV active, VHH level = zero scale,
sinking 15 mA
Accuracy Uncalibrated
−500
±100
+500
mV
P
VHH mode enabled, RCV active, VHVOUT error measured at
the calibration points of 7 V and 12 V
Offset Tempco
1
mV/°C
CT
Measured at calibration points
Resolution
1.21
1.5
mV
PF
VHH mode enabled, RCV active, after two-point gain/offset
calibration; range/number of DAC bits as measured at the
calibration points of 7 V and 12 V
INL
−30
±15
+30
mV
P
VHH mode enabled, RCV active, after two-point gain/offset
calibration; measured over VHH range of 5.9 V to 13.5 V
DUTGND Voltage Accuracy
±1
mV
CT
Over ±0.1 V range; measured at endpoints of VHH
functional range
Output Resistance
1
10
Ω
P
VHH mode enabled, RCV active, source: VHH = 10.0 V,
IHVOUT = 0 mA and 15 mA; sink: VHH = 6.5 V, IHVOUT = 0 mA and
−15 mA; ∆V/∆I
DC Output Current Limit
Source
60
100
mA
P
VHH mode enabled, RCV active, VHH = 10.0 V, short HVOUT
pin to 5.9 V, measure current
DC Output Current Limit Sink
−100
−60
mA
P
VHH mode enabled, RCV active, VHH = 6.5 V, short HVOUT
pin to 14.1 V, measure current
Rise Time (From VL or VH to
VHH)
200
ns
CB
VHH mode enabled, toggle RCV, VHH = 13.5 V, VL = VH =
3.0 V; 20% to 80%, for DATA = high and DATA = low
Fall Time (From VHH to VL or
VH)
26
ns
CB
VHH mode enabled, toggle RCV, VHH = 13.5 V, VL = VH =
3.0 V; 20% to 80%, for DATA = high and DATA = low
Preshoot, Overshoot, and
Undershoot
±125
mV
CB
VHH mode enabled, toggle RCV, VHH = 13.5 V, VL = VH =
3.0 V; for DATA = high and DATA = low
VL/VH BUFFER
Voltage Range
−0.1
+6.0
V
D
Accuracy Uncalibrated
−500
±100
+500
mV
P
VHH mode enabled, RCV inactive, error measured at the
calibration points 0 V and 5 V
Offset Tempco
1
mV/°C
CT
Measured at calibration points
Resolution
0.61
0.75
mV
PF
VHH mode enabled, RCV inactive, after two-point
gain/offset calibration; range/number of DAC bits as
measured at the calibration points 0 V and 5 V
INL
−20
±4
+20
mV
P
VHH mode enabled, RCV inactive, after two-point
gain/offset calibration; measured over range of −0.1 V to
+6.0 V
DUTGND Voltage Accuracy
±2
mV
CT
Over ±0.1 V range; measured at endpoints of VH and VL,
functional range
Output Resistance
45
48
50
Ω
P
VHH mode enabled, RCV inactive, source: VH = 3.0 V, IHVOUT
= +1 mA and +50 mA; sink: VL = 2.0 V, IHVOUT = −1 mA and
−50 mA; ∆V/∆I
DC Output Current Limit
Source
60
100
mA
P
VHH mode enabled, RCV inactive, VH = +6.0 V, short
HVOUT pin to −0.1 V, DATA high, measure current
DC Output Current Limit Sink
−100
−60
mA
P
VHH mode enabled, RCV inactive, VL = −0.1 V, short HVOUT
pin to +6.0 V, DATA low, measure current
Rise Time (VL to VH)
11
ns
CB
VHH mode enabled, RCV inactive, VL = 0.0 V, VH = 3.0 V,
toggle DATA; 20% to 80%
Fall Time (VH to VL)
11.3
ns
CB
VHH mode enabled, RCV inactive, VL = 0.0 V, VH = 3.0 V,
toggle DATA; 20% to 80%
Preshoot, Overshoot, and
Undershoot
±54
mV
CB
VHH mode enabled, RCV inactive, VL = 0.0 V, VH = 3.0 V,
toggle DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com