Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 10Page - Analog Devices ADATE304BBCZ Datasheet HTML 11Page - Analog Devices ADATE304BBCZ Datasheet HTML 12Page - Analog Devices ADATE304BBCZ Datasheet HTML 13Page - Analog Devices ADATE304BBCZ Datasheet HTML 14Page - Analog Devices ADATE304BBCZ Datasheet HTML 15Page - Analog Devices ADATE304BBCZ Datasheet HTML 16Page - Analog Devices ADATE304BBCZ Datasheet HTML 17Page - Analog Devices ADATE304BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
ADATE304
Data Sheet
Rev. C | Page 14 of 51
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
MEASOUT01 DC CHARACTERISTICS
MEASOUT01 Voltage Range
−1.25
+6.75
V
D
DC Output Current
4
mA
D
MEASOUT01 Pin Output
Impedance
25
200
Ω
P
PMU enabled, FVMV, PE disabled; source resistance: PMU force
+6.75 V and load with 0 mA and +4 mA; sink resistance: PMU
force −1.25 V and load with 0 mA and −4 mA; resistance =
∆V/∆I at MEASOUT01 pin
Output Leakage Current when
Tristated
−1
+1
µA
P
Tested at −1.25 V and +6.75 V
Output Short-Circuit Current
−25
+25
mA
P
PMU enabled, FVMV, PE disabled; source: PMU force +6.75 V,
short MEASOUT01 to −1.25 V; sink: PMU force −1.25 V, short
MEASOUT01 to +6.75 V
VOLTAGE CLAMPS
Low Clamp Range (VCL)
−1.25
+4.75
V
D
High Clamp Range (VCH)
0.75
6.75
V
D
Positive Clamp Voltage Droop
−300
+10
+300
mV
P
PMU enabled, FIMI, Range A, PE disabled, PMU clamps
enabled, VCH = +5.0 V, VCL = −1.0 V, PMU force 2.0 mA and
32 mA into open; ∆V seen at DUTx pin
Negative Clamp Voltage Droop
−300
−10
+300
mV
P
PMU enabled, FIMI, Range A, PE disabled, PMU clamps
enabled, VCH = +5.0 V, VCL = −1.0 V, PMU force −2.0 mA and
−32 mA into open; ∆V seen at DUTx pin
Uncalibrated Accuracy
−250
±100
+250
mV
P
PMU enabled, FIMI, Range B, PE disabled, PMU clamps enabled,
PMU force ±1 mA into open; VCH errors at calibration points
1.0 V and 5.0 V; VCL errors at the calibration points 0.0 V and
4.0 V
INL
−70
±5
+70
mV
P
PMU enabled, FIMI, Range B, PE disabled, PMU clamps enabled,
PMU force ±1 mA into open; after two-point gain/offset
calibration; measured over PMU clamp range
DUTGND Voltage Accuracy
±1
mV
CT
Over ±0.1 V range; measured at endpoints of PMU clamp
functional range
SETTLING/SWITCHING TIMES
SCAP = 330 pF, FFCAP = 220 pF
Voltage Force Settling Time to
0.1% of Final Value
PMU enabled, FV, PE disabled, program PMUDAC steps of
500 mV and 5.0 V; simulation of worst case, 2000 pF load,
PMUDAC step of 5.0 V
Range A, 200 pF and
2000 pF Load
15
µs
S
Range B, 200 pF and
2000 pF Load
20
µs
S
Range C, 200 pF and
2000 pF Load
124
µs
S
Range D, 200 pF and
2000 pF Load
1015
µs
S
Range E, 200 pF and
2000 pF Load
3455
µs
S
Voltage Force Settling Time to
1.0% of Final Value
PMU enabled, FV, PE disabled, start with PMUDAC
programmed to 0.0 V, program PMUDAC to 500 mV
Range A, 200 pF and
2000 pF Load
14
µs
CB
Range B, 200 pF and
2000 pF Load
14
µs
CB
Range C, 200 pF and
2000 pF Load
14
µs
CB
Range D, 200 pF Load
45
µs
CB
Range D, 2000 pF Load
45
µs
CB
Range E, 200 pF Load
45
µs
CB
Range E, 2000 pF Load
225
µs
CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com