Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 20Page - Analog Devices ADATE304BBCZ Datasheet HTML 21Page - Analog Devices ADATE304BBCZ Datasheet HTML 22Page - Analog Devices ADATE304BBCZ Datasheet HTML 23Page - Analog Devices ADATE304BBCZ Datasheet HTML 24Page - Analog Devices ADATE304BBCZ Datasheet HTML 25Page - Analog Devices ADATE304BBCZ Datasheet HTML 26Page - Analog Devices ADATE304BBCZ Datasheet HTML 27Page - Analog Devices ADATE304BBCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
ADATE304
Data Sheet
Rev. C | Page 24 of 51
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
03
1
2
4
5
678
10
9
TIME (ns)
1V
2V
3V
0.5V
Figure 9. 300 MHz Driver Response; VH = 0.5 V, 1.0 V, 2.0 V, 3.0 V;
VL = 0.0 V; 50 Ω Termination
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TIME (ns)
1V
2V
0.5V
Figure 10. 400 MHz Driver Response; VH = 0.5 V, 1.0 V, 2.0 V,
VL = 0.0 V; 50 Ω Termination
1.2
1.0
0.8
0.6
0.4
0.2
0
200
250
300
350
FREQUENCY (MHz)
Figure 11. Driver Toggle Rate, VH = 2.0 V, VL = 0.0 V, 50 Ω Termination
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
TIME (ns)
19
16
14
12
10
8
6
4
220
17
15
13
11
9
7
5
3
1
0
18
Figure 12. Driver Active (VH and VL) to and from VTERM Transition;
VH = 1.0 V, VT = 0.5 V, VL = 0.0 V
1.2
1.0
0.8
0.6
0.4
0.2
–0.2
0
TIME (ns)
19
16
14
12
10
8
6
4
220
17
15
13
11
9
7
5
3
1
0
18
Figure 13. Driver Active (VH and VL) to and from VTERM Transition;
VH = 2.0 V, VT = 1.0 V, VL = 0.0 V
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
0
TIME (ns)
20
18
16
14
12
10
8
6
4
2
Figure 14. Driver Active (VH and VL) to and from VTERM Transition;
VH = 3.0 V, VT = 1.5 V, VL = 0.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com