Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 43Page - Analog Devices ADATE304BBCZ Datasheet HTML 44Page - Analog Devices ADATE304BBCZ Datasheet HTML 45Page - Analog Devices ADATE304BBCZ Datasheet HTML 46Page - Analog Devices ADATE304BBCZ Datasheet HTML 47Page - Analog Devices ADATE304BBCZ Datasheet HTML 48Page - Analog Devices ADATE304BBCZ Datasheet HTML 49Page - Analog Devices ADATE304BBCZ Datasheet HTML 50Page - Analog Devices ADATE304BBCZ Datasheet HTML 51Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 47 of 51
BLOCK DIAGRAMS
RCV
VT
VCL
VCH
DATA
VH
VL
V(IOL)
V(IOH)
DUT
DRIVER HIGH-Z/VT DATA[0]
(ADDR[4:0] = 0x0D)
VT BUFFER WHEN 1
HIGH-Z BUFFER WHEN 0
FORCE VT DATA[1] (ADDR[4:0] = 0x0C)
OVERRIDES THE RCV PIN AND FORCES
VTERM MODE ON THE DRIVER AND LOAD
POWER-DOWN MODE
LOAD ENABLE DATA[1] (ADDR[4:0] = 0x0D)
FORCES SWITCHES OPEN AND POWERS
DOWN LOAD WHEN 0
PE DISABLE DATA[0] (ADDR[4:0] = 0x0C)
FORCES SWITCH OPEN WHEN 1
ROUT = 47Ω
(TRIMMED)
DRIVER
VCOM
Figure 75. Driver and Load Block Diagram
48Ω
VL
DATA
RCV (SHOWN IN
RCV = 0 STATE)
VHH = (VT + 1V) × 2 + DUTGND
VH
~5Ω
HV MODE SELECT DATA[2]
(ADDR [4:0] = 0x0D) DISABLES
HV DRIVER AND FORCES
0V ON HVOUT WHEN 0
HVOUT
Figure 76. HVOUT Driver Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com