Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 5 Page - Analog Devices

  ADATE304BBCZ Datasheet HTML 1Page - Analog Devices ADATE304BBCZ Datasheet HTML 2Page - Analog Devices ADATE304BBCZ Datasheet HTML 3Page - Analog Devices ADATE304BBCZ Datasheet HTML 4Page - Analog Devices ADATE304BBCZ Datasheet HTML 5Page - Analog Devices ADATE304BBCZ Datasheet HTML 6Page - Analog Devices ADATE304BBCZ Datasheet HTML 7Page - Analog Devices ADATE304BBCZ Datasheet HTML 8Page - Analog Devices ADATE304BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 5 of 51
DRIVER
VH − VL ≥ 200 mV (to meet dc and ac specifications).
Table 2.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC SPECIFICATIONS
High Speed Differential Logic Input
Characteristics (DATAxx, RCVxx)
Input Termination Resistance
92
100
108
Ω
P
Push 6 mA into xP pins1, force 1.3 V on xN pins1; measure
voltage from xP to xN1, calculate resistance (ΔV/ΔI)
Input Voltage Differential
0.2
1.0
V
PF
Common-Mode Voltage
0.85
2.35
V
PF
0.85
3.5
V
D
Input Bias Current
−20.0
+2.2
+20.0
μA
P
Each pin tested at 2.85 V and 0.35 V while the other high speed
pin remains open
Pin Output Characteristics
Output High Range, VH
−1.15
+6.75
V
D
Output Low Range, VL
−1.25
+6.65
V
D
Output Term Range, VT
−1.25
+6.75
V
D
Functional Amplitude (VH − VL)
0.0
8.0
V
D
Amplitude can be programmed to VH = VL, accuracy specifica-
tions apply when VH − VL ≥ 200 mV
DC Output Current Limit Source
75
100
120
mA
P
Driver high, VH = 6.75 V, short DUTx pin to −1.25 V, measure
current
DC Output Current Limit Sink
−120
−100
−75
mA
P
Driver low, VL = −1.25 V, short DUTx pin to +6.75 V, measure
current
Output Resistance, ±50 mA
45.0
47.0
49.0
Ω
P
Source: driver high, VH = +3.0 V, IDUTx = +1 mA and +50 mA;
sink: driver low, VL = 0.0 V, IDUTx = −1 mA and −50 mA; ΔVDUT/ΔIDUT
ABSOLUTE ACCURACY
VH tests done with VL = −2.5 V and VT= −2.5 V;
VL tests done with VH = +7.5 V and VT = +7.5 V;
VT tests done with VL = −2.5 V and VH = +7.5 V; unless
otherwise specified
VH, VL, VT Uncalibrated Accuracy
−250
±75
+250
mV
P
Error measured at calibration points of 0 V and 5 V
VH, VL, VT Offset Tempco
±450
μV/°C
CT
Measured at calibration points
VH, VL, VT DNL
±1
mV
CT
After two-point gain/offset calibration
VH, VL, VT INL
−10
±2.5
+10
mV
P
After two-point gain/offset calibration; measured over driver
output ranges
VH, VL, VT Resolution
0.6
+1
mV
PF
After two-point gain/offset calibration; range/number of DAC
bits as measured at calibration points of 0 V and 5 V
DUTGND Voltage Accuracy
−7
±1.3
+7
mV
P
Over ±0.1 V range; measured at endpoints of VH, VL, and VT
functional range
VH, VL, VT Crosstalk
±2
mV
CT
VL = −1.25 V: VH = −1.15 V
→ +6.75 V, VT = −1.25 V → +6.75 V;
VH = +6.75 V: VL = −1.25 V
→ +6.65 V, VT = −1.25 V → +6.75 V;
VT = +1.25 V: VL = −1.25 V
→ +6.65 V, VH = −1.15 V → +6.75 V;
dc crosstalk on VL, VH, VT output level when other driver DACs
are varied
Overall Voltage Accuracy
±10
mV
CT
Sum of INL, crosstalk, DUTGND, and tempco over ±5°C, after
gain/offset calibration
VH, VL, VT DC PSRR
±15
mV/V
CT
Measured at calibration points
AC SPECIFICATIONS
Rise/Fall Times
Toggle DATAxx
0.2 V Programmed Swing
950
ps
CB
VH = 0.2 V, VL = 0.0 V, terminated; 20% to 80%
1.0 V Programmed Swing
850
ps
CB
VH = 1.0 V, VL = 0.0 V, terminated; 20% to 80%
2.0 V Programmed Swing
850
1150
1350
ps
CB
VH = 3.0 V, VL = 0.0 V, terminated; 20% to 80%
3.0 V Programmed Swing
1500
ps
P/CB
VH = 3.0 V, VL = 0.0 V, terminated; 20% to 80%
3.0 V Programmed Swing
2000
ps
CB
VH = 3.0 V, VL = 0.0 V, unterminated; 10% to 90%
5.0 V Programmed Swing
3100
ps
CB
VH = 5.0V, VL = 0.0 V, unterminated; 10% to 90%
Rise-to-Fall Matching
40
ps
CB
VH = 3.0 V, VL = 0.0 V, terminated; rise-to-fall within one channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com