Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 103 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 99Page - ATMEL Corporation ATPL230A Datasheet HTML 100Page - ATMEL Corporation ATPL230A Datasheet HTML 101Page - ATMEL Corporation ATPL230A Datasheet HTML 102Page - ATMEL Corporation ATPL230A Datasheet HTML 103Page - ATMEL Corporation ATPL230A Datasheet HTML 104Page - ATMEL Corporation ATPL230A Datasheet HTML 105Page - ATMEL Corporation ATPL230A Datasheet HTML 106Page - ATMEL Corporation ATPL230A Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 122 page
background image
103
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
9.3.8
Other Registers
9.3.8.1 System Configuration Register
Name:
SYS_CONFIG
Address:
0xFE2C
Access:
Read/Write
Reset:
0x04
• CONV_PD: Converter Power Down
Microcontroller can activate internal converter power down mode by setting this bit. When internal converter is in
power down mode, the system is unable to receive.
This bit is high-level active.
• PHY_RST: Physical Layer Reset
This bit resets the Physical layer. To perform a Physical layer reset cycle, microcontroller must set this bit to ‘1’ and
then must clear it to ‘0’.
76543210
---
-
CONV_PD
-
-
PHY_RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com