Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 107 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 103Page - ATMEL Corporation ATPL230A Datasheet HTML 104Page - ATMEL Corporation ATPL230A Datasheet HTML 105Page - ATMEL Corporation ATPL230A Datasheet HTML 106Page - ATMEL Corporation ATPL230A Datasheet HTML 107Page - ATMEL Corporation ATPL230A Datasheet HTML 108Page - ATMEL Corporation ATPL230A Datasheet HTML 109Page - ATMEL Corporation ATPL230A Datasheet HTML 110Page - ATMEL Corporation ATPL230A Datasheet HTML 111Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 122 page
background image
107
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
10.2
Recommended Operating Conditions
Theta-ja is calculated based on a standard JEDEC defined environment and is not reliable indicator of a device’s
thermal performance in a non-JEDEC environment. The customer should always perform their own
calculations/simulations to ensure that their system’s thermal performance is sufficient.
Table 10-2. Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Min
Typ
Max
Supply Voltage
VDDIO
3.00
3.30
3.60
V
VDDIN AN
3.00
3.30
3.60
VDDIN
3.00
3.30
3.60
VDDPLL
1.08
-
1.32
Junction Temperature
TJ
-40
25
125
ºC
Ambient Temperature
TA
-40
-
85
Table 10-3. Thermal Data
Parameter
Symbol
Conditions
LQFP80
Unit
PCB Layers
Air Speed
Thermal resistance junction-to-ambient steady
state
RTheta-ja
2
0 m/s
64
ºC/W
1 m/s
56
3 m/s
48
4
0 m/s
43
1 m/s
40
3 m/s
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com