Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 120 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 114Page - ATMEL Corporation ATPL230A Datasheet HTML 115Page - ATMEL Corporation ATPL230A Datasheet HTML 116Page - ATMEL Corporation ATPL230A Datasheet HTML 117Page - ATMEL Corporation ATPL230A Datasheet HTML 118Page - ATMEL Corporation ATPL230A Datasheet HTML 119Page - ATMEL Corporation ATPL230A Datasheet HTML 120Page - ATMEL Corporation ATPL230A Datasheet HTML 121Page - ATMEL Corporation ATPL230A Datasheet HTML 122Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 120 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
120
D
Minor changes.
Signal Description
CLKOUT: “20 MHz CLK Output” changed to “10 MHz External Clock Output”.
SPI Controller
Chapter added.
MAC Coprocessor
“Address: 0xFE62 - 0xFE67” changed to “Address: 0xFEBA (MSB) - 0xFEBB (LSB)” in Section
8.3.1.2 ”CRC32 Errors Counter Register”.
PRIME PHY Layer
“Reset: 0x000000” changed to “Reset: 0x00000000” in Section 9.3.3.9 ”Accumulated Header EVM
Registers”.
“Reset: 0x000000” changed to “Reset: 0x00000000” in Section 9.3.3.10 ”Accumulated Payload EVM
Registers”.
“Reset: 0x00000000” changed to “Reset: 0x000124F8” in Section 9.3.5.4 ”TX Timeout Registers”.
“Reset: 0x0000” changed to “Reset: 0x1111” in Section 9.3.5.7 ”TX Result Register”.
C
“GND” changed to “AGND” in the following pins: 62, 67, 72 and 73.
Changed the description of “VDDIN AN” in Section 3. ”Signal Description”.
B
Update Package.
A
First Issue.
Doc Rev.
43053
Comments
Change
Request
Ref.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com