Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 116 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 112Page - ATMEL Corporation ATPL230A Datasheet HTML 113Page - ATMEL Corporation ATPL230A Datasheet HTML 114Page - ATMEL Corporation ATPL230A Datasheet HTML 115Page - ATMEL Corporation ATPL230A Datasheet HTML 116Page - ATMEL Corporation ATPL230A Datasheet HTML 117Page - ATMEL Corporation ATPL230A Datasheet HTML 118Page - ATMEL Corporation ATPL230A Datasheet HTML 119Page - ATMEL Corporation ATPL230A Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
116
12.
Recommended mounting conditions
12.1
Conditions of Standard Reflow
Figure 12-1. LQFP80 package soldering profile
Note:
H rank: 260ºC Max
a:
Average ramp-up rate:
1ºC/s to 4ºC/s
b:
Preheat & Soak:
170ºC to 190ºC, 60s to 180s
c:
Average ramp-up rate:
1ºC/s to 4ºC/s
d:
Peak temperature:
260ºC Max, up to 255ºC within 10s
d’:
Liquidous temperature:
Up to 230ºC within 40s or
Up to 225ºC within 60s or
Up to 220ºC within 80s
e:
Cooling:
Natural cooling or forced cooling
Table 12-1.
Conditions of Standard Reflow
Items
Contents
Method
IR (Infrared Reflow) / Convection
Times
2
Floor Life
Before unpacking
Please use within 2 years after
production
From unpacking to second reflow
Within 8 days
In case over period of floor life
Baking with 125ºC +/- 3ºC for 24hrs
+2hrs/-0hrs is required. Then please
use within 8 days (please remember
baking is up to 2 times).
Floor Life Condition
Between 5ºC and 30ºC and also below 70% RH required. (It is preferred lower
humidity in the required temp. range).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com