Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 113 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 109Page - ATMEL Corporation ATPL230A Datasheet HTML 110Page - ATMEL Corporation ATPL230A Datasheet HTML 111Page - ATMEL Corporation ATPL230A Datasheet HTML 112Page - ATMEL Corporation ATPL230A Datasheet HTML 113Page - ATMEL Corporation ATPL230A Datasheet HTML 114Page - ATMEL Corporation ATPL230A Datasheet HTML 115Page - ATMEL Corporation ATPL230A Datasheet HTML 116Page - ATMEL Corporation ATPL230A Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 122 page
background image
113
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
Figure 10-5. 20 MHz Crystal Oscillator Schematic
CX = 2 x (CXTAL CPARA20M CPCB / 2)
where CPCB is the ground referenced parasitic capacitance of the printed circuit board (PCB) on CLKEA and CLKEB
tracks.
As a practical example, taking the following crystal part number:
Manufacturer: TXC CORPORATION
Part Number: 9C-20.000MAAJ-T
Frequency: 20.000 MHz
Tolerance: 30 ppm (as low as possible to fullfil PRIME specification requirements)
CXTAL = 18 pF
Working in a typical layout / substrate with CPCB = 1 pF
The value of the external capacitors on CLKEA and CLKEB should be CX = 2 x (18 - 4 - 0.5) = 27 pF
It is strongly recommended to use capacitors with the lowest temperature stability possible. In this practical example,
a suitable part number could be:
Manufacturer: MURATA
Part Number: GRM1885C1H270FA01D
Capacitance: 27 pF
Tolerance: 1 %
Dielectric: C0G / NP0 (0 drift)
CLKEA
CLKEB
CX
C X
ATPL230A
CPARA20M
C PCB
C PCB
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com