Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL230A Datasheet(PDF) 112 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 108Page - ATMEL Corporation ATPL230A Datasheet HTML 109Page - ATMEL Corporation ATPL230A Datasheet HTML 110Page - ATMEL Corporation ATPL230A Datasheet HTML 111Page - ATMEL Corporation ATPL230A Datasheet HTML 112Page - ATMEL Corporation ATPL230A Datasheet HTML 113Page - ATMEL Corporation ATPL230A Datasheet HTML 114Page - ATMEL Corporation ATPL230A Datasheet HTML 115Page - ATMEL Corporation ATPL230A Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
112
10.5
Power Consumption
10.6
Oscillator
Notes: 1. The crystal should be located as close as possible to CLKEB and CLKEA pins.
2. Recommended value for CX is 27 pF and Rs 220 Ω. These values may depend on the specific crystal
characteristics and PCB layout. See example below. For further information please refer to Atmel
doc43084 “Crystal Selection Guidelines” application note.
3. As a requirement of PRIME specification, the System Clock tolerance from which transmit frequency and
symbol timing are derived shall be ± 50 ppm maximum. Crystal Stability/Tolerance/Ageing values must
be selected according to standard PRIME requirements.
Table 10-6.
Power Consumption
Parameter
Condition
Symbol
Rating
Unit
Min
Typ
Max
Power Consumption
TJ = 25ºC
VDDIO = 3.3V
VDDIN = 3.3V
VDDIN AN = 3.3V
P25
- -
160
- -
mW
Power Consumption (worst case)
TJ = 125ºC
VDDIO = 3.6V
VDDIN = 3.6V
VDDIN AN = 3.6V
P125
- -
- -
270
Table 10-7.
ATPL230A 20 MHz Crystal Oscillator Characteristics
Parameter
Test Condition
Symbol
Rating
Unit
Min
Typ
Max
Crystal Oscillator frequency
Fundamental
Xtal
20
MHz
External Oscillator Capacitance(2)(3)
CXTAL
-18
-
pF
External capacitor on CLKEA and CLKEB(2)(3)
CX
-27
-
Internal parasitic capacitance
Between CLKEA and CLKEB
CPARA20M
-4
-
H-level Input Voltage
XVIH
2
-
VDDIO +0.3
V
L-level Input Voltage
XVIL
-0.3
-
0.8
External Oscillator Parallel Resistance
Rp
not needed
Ω
External Oscillator Series Resistance
Rs
-
220
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com