Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8113 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
G52154-0, Rev 4.2
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
3/19/99
Loss of Signal
The VSC8113 features Loss of Signal (LOS) detection. Loss of Signal is declared if the incoming serial
data stream has no transition continuously for more than 128 bits. During an LOS condition, the VSC8113
forces the receive data low which is an indication for any downstream equipment that an optical interface failure
has occurred. The receive section continues to be clocked by the CRU as it is now locked to the “CRUREF-
CLK” unless “DSBLCRU” is active in which case it will be clocked by the CMU. This LOS condition will be
removed when the part detects more than 16 transitions in a 128 bit time window. This LOS detection feature
can be disabled by applying a high level to LOSDETEN_ input. The VSC8113 also has a TTL input LOSTTL
and a PECL input LOSPECL to force the part into a Loss of Signal state. Most optics have a PECL output usu-
ally called “SD” or “FLAG” indicating a lack of or presence of optical power. Depending on the optics manu-
factured this signal is either active high or active low. The LOSTTL and LOSPECL inputs are XNOR’d to
generate an internal LOS control signal. See Figure 2. The optics “SD” output should be connected to
LOSPECL. The LOSTTL input should be tied low if the optics “SD” output is active high. If it’s active low tie
LOSTTL high. The inverse is true if the optics use “FLAG” for loss of signal.
Figure 2: Data and Clock Receive Block Diagram
Facility Loopback
The Facility Loopback function is controlled by the FACLOOP signal. When the FACLOOP signal is set
high, the Facility Loopback mode is activated and the high speed serial receive data (RXDATAIN) is presented
at the high speed transmit output (TXDATAOUT). See Figure 3. In addition, the high speed received/recovered
clock is selected and presented at the high speed transmit clock output (TXCLKOUT). In Facility Loopback
mode the high speed receive data (RXDATAIN) is also converted to parallel data and presented at the low speed
receive data output pins (RXOUT[7:0]). The receive clock (RXCLKIN) is also divided down and presented at
the low speed clock output (RXLSCKOUT).
DQ
DQ
DQ
0
1
Divide-by-8
CMU
DQ
PM5355
DQ
RXOUT[7:0]
FP
RXLSCKOUT
VSC8113
CRU
RXDATAIN+/-
RXCLKIN+/-
DSBLCRU
0
1
0
1
CRULOCKDET
LOSTTL
LOSPECL
LOSDETEN_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com