Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 23 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 23 Page - Vitesse Semiconductor Corporation

Back Button VSC8113 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 27Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
G52154-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 23
3/19/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Ordering Information
The order number for this product are:
Part Number
Device Type
VSC8113QB:
155/622Mb/s Mux/Dmux with CMU and CRU in 100 Pin PQFP
Commercial Temperature, 0
°C ambient to 70°C case
VSC8113QB1
155/622Mb/s Mux/Dmux with CMU and CRU in 100 Pin PQFP
Extended Temperature, 0
°C to 85°C ambient (equivalent to 0°C ambient to
115
°C case)
VSC8113QB2
155Mb/s-622Mb/s Mux/Dmux with CMU and CRU in 100 Pin PQFP
Industrial Temperature, -40
°C ambient to 85°C case
Notice
This document contains information on products that are in the preproduction phase of development. The
information contained in this document is based on test results and initial product characterization. Characteris-
tic data and other specifications are subject to change without notice. Therefore, the reader is cautioned to con-
firm that this datasheet is current prior to placing orders.
Warning
Vitesse Semiconductor Corporation’s product are not intended for use in life support appliances, devices or
systems. Use of a Vitesse product in such applications without the written consent is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com