Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC8113 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
G52154-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
3/19/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Good analog design practices should be applied to the board design for these external components. Tightly
controlled analog ground and power planes should be provided for the PLL portion of the circuitry. The dedi-
cated PLL power (VDDANA) and ground (VSSANA) pins should have quiet supply planes to minimize jitter
generation within the clock synthesis unit. This is accomplished by either using a ferrite bead or a C-L-C choke
(
π filter) on the (VDDANA) power pins. Note: Vitesse recommends a (π filter) C-L-C choke over using a ferrite
bead. All ground planes should be tied together using multiple vias.
The VSC8113 features a lock detect function for the CMU, called “CMULOCKDET”. It generates low
going pulses when the CMU is locked to the incoming REFCLK. This is accomplished by comparing the phase
of the synthesized clock to the reference clock. If the “CMULOCKDET” output remains high for > 10
µs, the
CMU is locked.
Reference Clocks
To improve jitter performance and to provide flexibility, an additional differential PECL reference clock
input is provided. This reference clock is internally XNOR’d with a TTL reference clock input to generate the
reference for the CMU. Vitesse recommends using the differential PECL input and tieing the unused TTL refer-
ence clock low. If the TTL reference clock is used the positive side of the differential PECL reference clock
“REFCLKP+” should be tied to ground. “REFCLKP+/-” are internally biased with on-chip resistors to 1.65
volts, see figure 14 for schematic of internal biasing of differential I/O’s.
The CRU has the option of either using the CMU’s reference clock or its own independent reference clock
“CRUREFCLK”. If the CMU reference clock is used, it must be 78MHz. This is accomplished with the control
signal “CRUREFSEL”. The “CRUREFCLK” should be used if the system is being operated in either a regener-
ation or looptiming mode. In either of these modes the quality of the “CRUREFCLK” is not a concern, thus it
can be driven by a simple 77.76MHz crystal, the key is its’ independent of the CMU’s reference clock.
Table 1: Recommended External Capacitor Values
Reference
Frequency
[MHz]
Divide Ratio
CP
CN
Type
Size
Tol.
19.44
32
0.1
0.1
X7R
0603/0803
+/-10%
38.88
16
0.1
0.1
X7R
0603/0803
+/-10%
51.84
12
0.1
0.1
X7R
0603/0803
+/-10%
77.76
8
0.1
0.1
X7R
0603/0803
+/-10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com