Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC8113 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
G52154-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
3/19/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Transmit Section
Byte-wide data is presented to TXIN[7:0] and is clocked into the part on the rising edge of TXLSCKIN.
See Figure 1. The data is then serialized (MSB leading) and presented at the TXDATAOUT+/- pins.
TXDATAOUT is clocked out on the falling edge of TXCLKOUT+. The serial output stream is synchronized to
the CMU generated clock which is a phase locked and frequency scaled version of the input reference clock.
External control inputs B0-B2 and STS-12 select the multiply ratio of the CMU for either STS-3 (155MbS) or
STS-12 (622Mb/s) transmission (see Table 12). A divide-by-8 version of the CMU clock (TXLSCKOUT)
should be used to synchronize the transmit interface of the UNI device to the transmit input registers on the
VSC8113 (see Application Notes, p. 20).
Figure 1: Data and Clock Transmit Block Diagram
Receive Section
High speed Non-Return to Zero (NRZ) serial data at 155Mb/s or 622Mb/s are received by the RXDATAIN
inputs. The CRU recovers the high speed clock from the serial data input. The serial data is converted to byte-
wide parallel data and presented on RXOUT[7:0] pins. A divide-by-8 version of the high-speed clock
(RXLSCKOUT) should be used to synchronize the byte-serial RXOUT[7:0] data with the receive portion of the
UNI device. The on-chip CRU is by-passed by setting the DSBLCRU input high. In this mode, the serial input
data and corresponding clock are received by the RXDATAIN and RXCLKIN inputs respectively. RXDATAIN
is clocked in on the rising edge of RXCLKIN+. See Figure 2.
The receive section also includes frame detection and recovery circuitry which detects the SONET/SDH
frame, aligns the received serial data on byte boundaries, and initiates a frame pulse on FP coincident with the
byte aligned data. The frame recovery is initiated when OOF is held high which must occur at least 4 byte clock
cycles before the A1A2 boundary. The OOF input control is a level-sensitive signal, and the VSC8113 will con-
tinually perform frame detection and recovery as long as this pin is held high even if 1 or more frames has been
detected. Frame detection and recovery occurs when a series of three A1 bytes followed by three A2 bytes has
been detected. The parallel output data on RXOUT[7:0] will be byte aligned starting on the third A2 byte. When
a frame is detected, a single byte clock period long pulse is generated on FP which is synchronized with the
byte-aligned third A2 byte on RXOUT[7:0]. The frame detector sends a FP pulse only if OOF is high.
D
Q
D
Q
Divide-by-8
CMU
D
Q
TXIN[7:0]
TXLSCKIN
TXLSCKOUT
TXDATAOUT+
TXDATAOUT-
TXCLKOUT+
TXCLKOUT-
REFCLK
VSC8113
PM5355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com