Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 14 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 14 Page - Vitesse Semiconductor Corporation

Back Button VSC8113 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 18Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Page 14
© VITESSE SEMICONDUCTOR CORPORATION
G52154-0, Rev 4.2
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
3/19/99
Table 13: Clock Multiplier Unit Performance
(1)
These Reference Clock Jitter limits are required for the outputs to meet SONET system level jitter requirements
(< 10 mUIrms)
(2)
Needed to meet SONET output frequency stability requirements
(3)
Measured
Note: Jitter specification is defined utilizing a 12KHz - 5MHz LP-HP single pole filter.
AC Characteristics
Table 14: PECL and TTL Outputs
Name
Description
Min
Typ
Max
Units
RCd
Reference clock duty cycle
40
60
%
RCj
Reference clock jitter (RMS) @ 77.76 MHz ref (1)
13
ps
RCj
Reference clock jitter (RMS) @ 51.84 MHz ref (1)
12
ps
RCj
Reference clock jitter (RMS) @ 38.88 MHz ref (1)
9ps
RCj
Reference clock jitter (RMS) @ 19.44 MHz ref (1)
5ps
RCf
Reference clock frequency tolerance (2)
-20
+20
ppm
OCj
Output clock jitter (RMS) @ 77.76 MHz ref (3)
8ps
OCj
Output clock jitter (RMS) @ 51.84 MHz ref (3)
10
ps
OCj
Output clock jitter (RMS) @ 38.88 MHz ref (3)
13
ps
OCj
Output clock jitter (RMS) @ 19.44 MHz ref (3)
15
ps
OCfrange
Output frequency
620
624
MHz
OCd
Output clock duty cycle
40
60
%
Parameters
Description
Min
Typ
Max
Units
Conditions
TR,TTL
TTL Output Rise Time
—2
—
ns
10-90%
TF,TTL
TTL Output Fall Time
—1.5
—
ns
10-90%
TR,PECL
PECL Output Rise Time
—350
—
ps
20-80%
TF,PECL
PECL Output Fall Time
—350
—
ps
20-80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com