Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8113 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
G52154-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
3/19/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Data Latency
The VSC8113 contains several operating modes, each of which exercise different logic paths through the
part. Table 10 bounds the data latency through each path with an associated clock signal.
Table 10: Data Latency
Clock Recovery Unit
Table 11: Reference Frequency for the CRU
Clock Multiplier Unit
Table 12: Reference Frequency Selection and Output Frequency Control
Circuit Mode
Description
Clock
Reference
Range of Clock
cycles
Transmit
Data TXIN [7:0] to MSB at TXDATAOUT
TXCLKOUT
4-13
Receive
MSB at RXDATAIN to data on RXOUT [7:0]
RXCLKIN
25-35
Equipment
Loopback
Byte data TXIN [7:0] to byte data on RXOUT [7:0]
TXCLKOUT
27-35
Facilities
Loopback
MSB at RXDATAIN to MSB at TXDATAOUT
RXCLKIN
2-4
CRUREFSEL
STS12
B2
B1
B0
CRUREFCLK
Frequency
[MHz]
Output
Frequency
[MHz]
11
X
X
X
77.76 ± 500ppm
622.08
1
0
X
X
X
77.76 ± 500ppm
155.52
0
Uses CMU’s Reference Clock (See Table 12 below)
STS12
B2
B1
B0
Reference
Frequency
[MHz]
Output
Frequency
[MHz]
1110
19.44
622.08
1010
38.88
622.08
1001
51.84
622.08
1000
77.76
622.08
0110
19.44
155.52
0010
38.88
155.52
0001
51.84
155.52
0000
77.76
155.52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com