Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 24 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 24 Page - Vitesse Semiconductor Corporation

Back Button VSC8113 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 28Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Page 24
© VITESSE SEMICONDUCTOR CORPORATION
G52154-0, Rev 4.2
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
3/19/99
Application Notes
Interconnecting the Byte Clocks (TXLSCKOUT and TXLSCKIN)
The byte clock (TXLSCKOUT and TXLSCKIN) on the VSC8113 has been brought off-chip to allow as
much flexibility in system-level clocking schemes as possible. Since the byte clock (TXLSCKOUT) clocks both
the VSC8113 and the UNI devices, it is important to pay close attention to the routing of this signal. The UNI
device in general is a CMOS part which can have very wide spreads in timing (1-11ns clock in to parallel data
out for the PM5355), which utilizes most of the 12.86ns period (at 78MHz), leaving little for the trace delays
and set-up times required to interconnect the 2 devices.
The VSC8113 and the UNI device should be placed as close to each other as possible to provide maximum
setup and hold time margin at the inputs of the VSC8113. Figure 12 suggests two different ways of routing the
TXLSCKOUT-to-TXLSCKIN clock trace when used in a 622 MHz mode, which ever method is used the trans-
mission line trace impedance should be no lower than 75 ohms.
Figure 12: Interconnecting the Byte Clocks
(1) TXLSCKOUT and TXLSCKIN are tied together at the pins of the VSC8113. This provides a setup and
hold time margin for the TXIN input of
• Tsu,margin = Tclk - TTCLK-POUT,max(PM5355) - Tsu,min(VSC8113) - 2xTtrace = 0.86ns - 2xTtrace
• Thold,margin = TTCLK-POUT,min(PM5355) - Thold,min(VSC8113) + 2xTtrace = 2xTtrace
(2) TXLSCKOUT is daisy chained to the UNI device and then routed back to the VSC8113 along with the
byte data. This interface provides a setup and hold time margin for the TXIN input of
• Tsu,margin = Tclk - TTCLK-POUT,max(PM5355) - Tsu,min(VSC8113) = 0.86ns
• Thold,margin = TTCLK-POUT,min(PM5355) - Thold,min(VSC8113) = 0ns
Option (2) does not provide any hold time margin, while option (1) requires the one-way trace delay (Ttrace)
to be less than 0.43ns (~3 inches).
The general recommendation is to apply option (1) and place the VSC8113 and PM5355 as close to each
other as possible. If the one-way trace delay cannot be kept less than 0.43ns with a 50 pf load, daisy-chaining
(option 2) should be applied - close attention must be paid to signal routing in this case because of the lack of
hold time margin.
TXIN[7:0]
TXLSCKIN
TXLSCKOUT
PM5355
VSC8113
(1)
(2)
POUT[7:0]
TCLK
Ttrace



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com