Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 25 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 25 Page - Vitesse Semiconductor Corporation

Back Button VSC8113 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 28Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
G52154-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 25
3/19/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Important note: The 11 ns max Tpd on the PM5355 assumes a 50pf load @ 60ps/pf, therefore 3 ns of the
max delay is due to loading. The VSC8113 input (TXLSCKIN) plus package is about 6pf. Assuming about 1 pf/
inch of 75 ohm trace on FR4 plus the VSC8113 6pf load, the user would in most cases choose option 1.
DC Coupling and Terminating High-speed PECL I/Os
The high speed signals on the VSC8113 (RXDATAIN, RXCLKIN, TXDATAOUT, TXCLKOUT, REF-
CLKP, LOSPECL) use 3.3/5V programmable PECL I/Os which can be direct coupled to either +3.3V PECL or
+5V PECL signals from the optics. These PECL levels are essentially ECL levels shifted positive by 3.3 volts or
5 volts. These PECL I/Os are referenced to the VDDP supply (VDDP) and are terminated to ground. To program
these I/Os for either 3.3V or 5V interface, the 3 VDDP pins (pin 9, 15, 21) are required to connect to 3.3V or 5V
supplies accordingly.
AC Coupling and Terminating High-speed PECL I/Os
If the optics modules provide ECL level interface, the high speed signals can be AC coupled to the
VSC8113 as well. The PECL receiver inputs of the VSC8113 are internally biased at VDD/2. Therefore, AC-
coupling to the VSC8113 inputs is accomplished by providing the pull-down resistor for the open-source PECL
output and an AC-coupling capacitor used to eliminate the DC component of the output signal. This capacitor
allows the PECL receivers of the VSC8113 to self-bias via its internal resistor divider network (see Figure 13).
The PECL output drivers are capable of sourcing current but not sinking it. To establish a LOW output
level, a pull-down resistor, traditionally connected to VDD-2.0V, is needed when the output FET is turned off.
Since VDD-2.0V is usually not present in the system, the resistor could be terminated to ground for conve-
nience. The VSC8113 output drivers should be either AC-coupled to the 5.0V PECL inputs of the optics mod-
ule, or translated (DC level shift). Appropriate biasing techniques for setting the DC-level of these inputs should
be employed.
The dc biasing and 50 ohm termination requirements can easily be integrated together using a thevenin
equivalent circuit as shown in Figure 14. The figure shows the appropriate termination values when interfacing
3.3V PECL to 5.0V PECL. This network provides the equivalent 50 ohm termination for the high speed I/Os
and also provides the required dc biasing for the receivers of the optics module. Table 18 contains recommended
values for each of the components.
TTL Input Structure
The TTL inputs of the VSC8113 are 3.3V TTL which can accept 5.0V TTL levels within a given set of tol-
erances (see Table 5). The input structure, shown in Figure 14, uses a current limiter to avoid overdriving the
input FETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com