Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8113 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
G52154-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
3/19/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Features
General Description
The VSC8113 is an ATM/SONET/SDH compatible transceiver integrating an on-chip Clock Multiplication
Unit (PLL) for the high speed clock as well as a clock and data recovery unit (CRU) with 8 bit serial-to-parallel
and parallel-to-serial data conversion. The PLL clock is used for serialization in the transmit direction (Mux).
The recovered clock is used for deserialization in the receive direction (Demux). The demultiplexer contains
SONET/SDH frame detection and recovery. The device provides both facility and equipment loopback modes
and two loop timing modes. The part is packaged in a 100PQFP with integrated heat spreader for optimum ther-
mal performance and reduced cost. The VSC8113 provides an integrated solution for ATM physical layers and
SONET/SDH systems applications.
Functional Description
The VSC8113 is designed to provide a SONET/SDH compliant interface between the high speed optical
networks and the lower speed User Network Interface devices such as the PM5355 S/UNI-622. The VSC8113
converts 8 bit parallel data at 77.76Mb/s or 19Mb/s to a serial bit stream at 622.08Mb/s or 155.52Mb/s respec-
tively. The device also provides a Facility Loopback function which loops the received high speed data and
clock (optionally recovered on-chip) directly to the high speed transmit outputs. A Clock Multiplier Unit
(CMU) is integrated into the transmit circuit to generate the high speed clock for the serial output data stream
from input reference frequencies of 19.44, 38.88, 51.84 or 77.76 MHz. The CMU can be bypassed with the
received/recovered clock in loop timing mode thus synchronizing the entire part to a single clock. The block
diagram on page 2 shows the major functional blocks associated with the VSC8113.
The receive section provides the serial-to-parallel conversion, converting the 155.52Mb/s or 622Mb/s bit
stream to an 8 bit parallel output at 19.44Mb/s or 77.76MHz respectively. A Clock Recovery Unit (CRU) is inte-
grated into the receive circuit to recover the high speed clock from the received serial data stream. The receive
section provides an Equipment Loopback function which will loop the low speed transmit data and clock back
through the receive section to the 8 bit parallel data bus and clock outputs.The VSC8113 also provides the
option of selecting between either its internal CRU’s recovered clock and data signals or optics containing a
• Loss of Signal (LOS) Input & LOS Detection
• +3.3V/5V programmable PECL Serial Interface
• Provides Equipment, Facilities and Split Loop-
back Modes as well as Loop Timing Mode
• Provide TTL & PECL reference clock inputs
• Meets Bellcore, ITU and ANSI Specifications for
Jitter Performance
• Low Power - 1.0 Watts Typical
• 100 PQFP Package
• Operates at Either STS-3/STM-1 (155.52Mb/s)
or STS-12/STM-4 (622.08Mb/s) Data Rates
• Compatible with Industry ATM UNI Devices
• On Chip Clock Generation of the 155.52MHz
or
622.08MHz High Speed Clock (Mux)
• On Chip Clock Recovery of the 155.52MHz or
622.08MHz High Speed Clock (Demux)
• 8 Bit Parallel TTL Interface
• SONET/SDH Frame Recovery
• Lock Detect for both CRU and CMU


Similar Part No. - VSC8113

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114QB VITESSE-VSC8114QB Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114QB1 VITESSE-VSC8114QB1 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114QB2 VITESSE-VSC8114QB2 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results

Similar Description - VSC8113

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
622/155 Mb/s SONET/SDH MDFP
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
622 Mb/s Clock & Data Recovery
logo
Agere Systems
1417G5 AGERE-1417G5 Datasheet
149Kb / 12P
NetLight 1417G5 and 1417H5-Type ATM/SONET/SDH Transceivers with Clock Recovery
January 2000
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8117 VITESSE-VSC8117 Datasheet
406Kb / 22P
ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com