Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 16 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 16 Page - Vitesse Semiconductor Corporation

Back Button VSC8113 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 20Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Page 16
© VITESSE SEMICONDUCTOR CORPORATION
G52154-0, Rev 4.2
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
3/19/99
Power Dissipation
Table 16: Power Supply Currents
Absolute Maximum Ratings(1)
Power Supply Voltage (VDD) Potential to GND .................................................................................-0.5V to +4V
PECL I/O Supply Voltage (VDDP) Potential to GND..........................................................................-0.5V to +6V
DC Input Voltage (PECL inputs).......................................................................................... -0.5V to VDDP +0.5V
DC Input Voltage (TTL inputs) ......................................................................................................... -0.5V to 5.5V
DC Output Voltage (TTL Outputs)........................................................................................ -0.5V to VDD + 0.5V
Output Current (TTL Outputs) ................................................................................................................. +/-50mA
Output Current (PECL Outputs)................................................................................................................+/-50mA
Case Temperature Under Bias .........................................................................................................-55o to +125oC
Storage Temperature..................................................................................................................... -65oC to +150oC
Maximum Input ESD (Human Body Model) .............................................................................................. 1500 V
Note: Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing
permanent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Recommended Operating Conditions
Power Supply Voltage (VDD) ................................................................................................................. +3.3V
%
PECL I/O Supply Voltage (VDDP).......................................................................................... +3.3V or +5.0V
%
Commercial Operating Temperature Range ..................................................................... 0o ambient to 70oC case
Extended Operating Temperature Range................... 0o to 85oC ambient equivalent to 0o ambient to 115oC case
Industrial Operating Temperature Range ...................................................................... -40 o ambient to 85oC case
Parameter
Description
(Max)
Units
IDD
Power supply current from VDD
480
mA
PD
Power dissipation (worst case)
1.6
W
5
±
5
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com