Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 19 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC8113 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 23Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
G52154-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 19
3/19/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
CN1
64
Analog
CMU external capacitor (see Figure 6, and Table 1)
CN2
65
Analog
CMU external capacitor (see Figure 6, and Table 1)
CP2
66
Analog
CMU external capacitor (see Figure 6, and Table 1)
VDDA
67
+3.3V
Analog Power Supply (CMU)
VDDA
68
+3.3V
Analog Power Supply (CRU)
VDDA
69
+3.3V
Analog Power Supply (CRU)
VSSA
70
GND
Analog Ground (CRU)
VSSA
71
GND
Analog Ground (CRU)
VSS
72
GND
Ground
N/C
73
No connection
CRULOCKDET
74
O
TTL
Lock Detect indicator for clock recovery unit
VSS
75
GND
Ground
VDD
76
+3.3V
+3.3V Power Supply
N/C
77
No connection
N/C
78
No connection
N/C
79
No connection
CMULOCKDET
80
O
TTL
Lock Detect indicator for clock synthesis unit
VDD
81
+3.3V
+3.3V Power Supply
TXLSCKOUT
82
O
TTL
Transmit byte clock out
TXLSCKIN
83
I
TTL
Transmit byte clock in
VSS
84
GND
Ground
TXIN7
85
I
TTL
Transmit input data bit7
TXIN6
86
I
TTL
Transmit input data bit6
VSS
87
GND
Ground
TXIN5
88
I
TTL
Transmit input data bit5
TXIN4
89
I
TTL
Transmit input data bit4
N/C
90
No connection
TXIN3
91
I
TTL
Transmit input data bit3
TXIN2
92
I
TTL
Transmit input data bit2
VSS
93
GND
Ground
TXIN1
94
I
TTL
Transmit input data bit1
TXIN0
95
I
TTL
Transmit input data bit0
N/C
96
No connection
Table 17: Pin Definitions
Signal
Pin
I/O
Level
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com