Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113 Datasheet(PDF) 18 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 18 Page - Vitesse Semiconductor Corporation

Back Button VSC8113 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 22Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Page 18
© VITESSE SEMICONDUCTOR CORPORATION
G52154-0, Rev 4.2
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
3/19/99
VDD
31
+3.3V
+3.3V Power Supply
N/C
32
No connection
RX50MCK
33
O
TTL
Constant 51.84MHz ref clock output, derived from the CMU
VSS
34
GND
Ground
RXOUT0
35
O
TTL
Receive output data bit0
RXOUT1
36
O
TTL
Receive output data bit1
VSS
37
GND
Ground
RXOUT2
38
O
TTL
Receive output data bit2
RXOUT3
39
O
TTL
Receive output data bit3
VSS
40
GND
Ground
RXOUT4
41
O
TTL
Receive output data bit4
RXOUT5
42
O
TTL
Receive output data bit5
VSS
43
GND
Ground
RXOUT6
44
O
TTL
Receive output data bit6
RXOUT7
45
O
TTL
Receive output data bit7
VSS
46
GND
Ground
RXLSCKOUT
47
O
TTL
Receive byte clock output
FP
48
O
TTL
Frame detection pulse
VDD
49
+3.3V
+3.3V Power Supply
LOSOUT
50
O
TTL
Loss of Signal alarm indicator
CRUREFCLK
51
I
TTL
Optional external CRU reference clock @77.76MHz
LOSTTL
52
I
TTL
Loss of Signal Control - TTL input
LOSPECL
53
I
PECL
Loss of Signal Control- Single ended PECL input
VDD
54
+3.3V
+3.3V Power Supply
VSS
55
GND
Ground
REFCLK
56
I
TTL
Reference clock input, refer to table 12
LOOPTIM1
57
I
TTL
Enable loop timing operation; active HIGH
VDD
58
+3.3V
+3.3V Power Supply
VSSA
59
GND
Analog Ground (CMU)
VSSA
60
GND
Analog Ground (CMU)
N/C
61
No connection
VDDA
62
+3.3V
Analog Power Supply (CMU)
CP1
63
Analog
CMU external capacitor (see Figure 6, and Table 1)
Table 17: Pin Definitions
Signal
Pin
I/O
Level
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com