Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 138 page
background image
Rev. 1.10
5�
De�e��e� 1�� �01�
Rev. 1.10
5�
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Register
Reset
(Power On)
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)*
IAR0
xxxx xxxx
xxxx xxxx
uuuu uuuu
MP0
xxxx xxxx
xxxx xxxx
uuuu uuuu
IAR1
xxxx xxxx
xxxx xxxx
uuuu uuuu
MP1
xxxx xxxx
xxxx xxxx
uuuu uuuu
BP
-- -- -- 0
-- -- -- 0
-- -- -- 0
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
TBHP
---- xxxx
---- uuuu
---- uuuu
STATUS
--00 xxxx
--1u uuuu
--1 1 uuuu
LVDC
--00 0000
--00 0000
--uu uuuu
INTEG
---- 0000
---- 0000
---- uuuu
SCC
000- --00
000- --00
uuu- --uu
HIRCC
- - - - - - 01
- - - - - - 01
- - - - - - uu
RSTFC
- - - - - x -0
- - - - - u- u
- - - - - u- u
SADOL
xxxx ----
xxxx ----
uuuu ----
(ADRFS=0)
uuuu uuuu
(ADRFS=1)
SADOH
xxxx xxxx
xxxx xxxx
uuuu uuuu
(ADRFS=0)
---- uuuu
(ADRFS=1)
SADC0
0000 0000
0000 0000
uuuu uuuu
SADC1
0000 0000
0000 0000
uuuu uuuu
PA
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
uuuu uuuu
PAPU
0000 0000
0000 0000
uuuu uuuu
PAWU
0000 0000
0000 0000
uuuu uuuu
PAS0
0000 0000
0000 0000
uuuu uuuu
PAS1
0000 0000
0000 0000
uuuu uuuu
WDTC
0 10 1 0 011
0 10 1 0 011
uuuu uuuu
PB
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
uuuu uuuu
PBPU
0000 0000
0000 0000
uuuu uuuu
PBS0
0000 0000
0000 0000
uuuu uuuu
PBS1
0000 0000
0000 0000
uuuu uuuu
PC
- -- - 1 1 1 1
- -- - 1 1 1 1
---- uuuu
PCC
- -- - 1 1 1 1
- -- - 1 1 1 1
----uuuu
PCPU
---- 0000
---- 0000
---- uuuu
TBC
001 1 -1 1 1
001 1 -1 1 1
uuuu —uuu
PCS0
0000 0000
0000 0000
uuuu uuuu
SCOMC
-000 ----
-000 ----
-uuu ----
STMC0
0000 0000
0000 0000
uuuu uuuu
STMC1
0000 0000
0000 0000
uuuu uuuu
STMDL
0000 0000
0000 0000
uuuu uuuu
STMDH
- - - - - - 00
- - - - - - 00
- - - - - - uu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com