Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
Rev. 1.10
1�
De�e��e� 1�� �01�
Rev. 1.10
1�
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage (HIRC)
— fSYS=fHIRC=8MHz
�.�
—
5.5
V
IDD
Ope�ating Cu��ent (HIRC)
�V No load� all pe�iphe�als off� WDT
ena�le� LVR ena�le� OPA ena�le�
OCP/OVP ena�le� fSYS=fHIRC=8MHz
—
0.8
�.0
�A
5V
—
1.5
�.0
�A
Ope�ating Cu��ent (LIRC)
�V No load� all pe�iphe�als off�
OPA ena�le �OCP/OVP ena�le�
fSYS=fLIRC=��kHz
—
0.�5
1.�
�A
5V
—
0.5�
1.�
�A
ISTB
Stand�y Cu��ent (IDLE0 Mode�
LIRC on)
5V
No load� ADC off� WDT ena�le�
LVR disa�le� OPA ena�le�
OCP/OVP ena�le
—
0.47
1.0
�A
Stand�y Cu��ent (IDLE1 Mode�
HIRC)
5V
No load� ADC off� WDT ena�le�
fSYS=8MHz on� OPA ena�le�
OCP/OVP ena�le
—
0.89
�.0
�A
Stand�y Cu��ent (SLEEP0
Mode� LIRC off)
5V
No load� ADC off� WDT disa�le�
LVR disa�le� OPA ena�le�
OCP/OVP ena�le
—
0.4�
1.0
�A
Stand�y Cu��ent (SLEEP1
Mode� LIRC on)
5V
No load� ADC off� WDT ena�le�
LVR disa�le� OPA ena�le�
OCP/OVP ena�le
—
0.47
1.0
�A
VIL
Input Low Voltage fo� I/O Po�ts
5V
—
0
—
1.5
V
—
—
0
—
0.�VDD V
VIH
Input High Voltage fo� I/O
Po�ts
5V
—
�.5
—
5
V
—
—
0.8VDD
—
VDD
V
IOL
Sink Cu��ent fo� I/O Po�t
�V VOL=0.1VDD
15.5
�1
—
�A
5V VOL=0.1VDD
�1
��
—
�A
IOH
Sou��e Cu��ent fo� I/O Po�ts
�V V
OH
=0.9VDD� SLEDCn[�+1� �]=00B
(n=0�1� �=0 o� � o� 4 o� �)
-0.7
-1.4
—
�A
5V V
OH
=0.9VDD� SLEDCn[�+1� �]=00B
(n=0�1� �=0 o� � o� 4 o� �)
-1.4
-�.8
—
�A
�V V
OH
=0.9VDD� SLEDCn[�+1� �]=01B
(n=0�1� �=0 o� � o� 4 o� �)
-1.�
-�.4
—
�A
5V V
OH
=0.9VDD� SLEDCn[�+1� �]=01B
(n=0�1� �=0 o� � o� 4 o� �)
-�.5
-5.0
—
�A
�V V
OH
=0.9VDD� SLEDCn[�+1� �]=10B
(n=0�1� �=0 o� � o� 4 o� �)
-1.7
-�.5
—
�A
5V V
OH
=0.9VDD� SLEDCn[�+1� �]=10B
(n=0�1� �=0 o� � o� 4 o� �)
-�.5
-7.0
—
�A
�V V
OH
=0.9VDD� SLEDCn[�+1� �]=11B
(n=0�1� �=0 o� � o� 4 o� �)
-�.5
-7.0
—
�A
5V V
OH
=0.9VDD� SLEDCn[�+1� �]=11B
(n=0�1� �=0 o� � o� 4 o� �)
-7.� -14.5
—
�A
RPH
Pull-high Resistan�e fo� I/O
Po�ts
�V
—
�0
�0
100
kΩ
5V
—
10
�0
50
kΩ
ILEAK
Input Leakage Cu��ent
5V VIN=VDD o� VIN=VSS
—
—
±1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com