Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 138 page
background image
Rev. 1.10
�4
De�e��e� 1�� �01�
Rev. 1.10
�5
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Standard Type TM – STM
TheStandardTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/
EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.TheStandardTMcan
becontrolledwithtwoexternalinputpinsandcandriveoneexternaloutputpin.
fSYS
fSYS/4
fH/�4
fH/1�
fSUB
STCK
000
001
010
011
100
101
110
111
STCK�~STCK0
10-�it Count-up Counte�
�-�it Co�pa�ato� P
CCRP
�7~�9
�0~�9
10-�it Co�pa�ato� A
STON
STPAU
Co�pa�ato� A Mat�h
Co�pa�ato� P Mat�h
Counte� Clea� 0
1
Output
Cont�ol
Pola�ity
Cont�ol
STP
STOC
STM1� STM0
STIO1� STIO0
STMAF Inte��upt
STMPF Inte��upt
STPOL
CCRA
STCCLR
Edge
Dete�to�
STPI
STIO1� STIO0
PIn-sha�ed
Cont�ol
PAS1
fSUB
Standard Type TM Block Diagram
Standard TM Operation
Atitscoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternalclocksource.
Therearealsotwointernalcomparatorswiththenames,ComparatorAandComparatorP.These
comparatorswillcomparethevalueinthecounterwithCCRPandCCRAregisters.TheCCRPis3-bit
widewhosevalueiscomparedwiththehighest3bitsinthecounterwhiletheCCRAisthe10bits
andthereforecompareswithallcounterbits.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheSTONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheStandard
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesandcanalsocontrolanoutputpin.Alloperatingsetupconditionsareselectedusingrelevant
internalregisters.
Standard Type TM Register Description
OveralloperationoftheStandardTMiscontrolledusingseriesofregisters.Areadonlyregister
pairexiststostoretheinternalcounter10-bitvalue,whilearead/writeregisterpairexiststostore
theinternal10-bitCCRAvalue.Theremainingtworegistersarecontrolregisterswhichsetupthe
differentoperatingandcontrolmodesaswellasthreeCCRPbits.
Register
Name
Bit
7
6
5
4
3
2
1
0
STMC0
STPAU
STCK�
STCK1
STCK0
STON
STRP�
STRP1
STRP0
STMC1
STM1
STM0
STIO1
STIO0
STOC
STPOL
STDPX
STCCLR
STMDL
D7
D�
D5
D4
D�
D�
D1
D0
STMDH
—
—
—
—
—
—
D9
D8
STMAL
D7
D�
D5
D4
D�
D�
D1
D0
STMAH
—
—
—
—
—
—
D9
D8
10-bit Standard TM Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com