Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 138 page
background image
Rev. 1.10
�8
De�e��e� 1�� �01�
Rev. 1.10
�9
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Special Purpose Data Memory
This area of Data Memory is where registers, necessary for the correct operation of the
microcontroller,arestored.Mostoftheregistersarebothreadableandwriteablebutsomeare
protectedandarereadableonly,thedetailsofwhicharelocatedundertherelevantSpecialFunction
Registersection.Notethatforlocationsthatareunused,anyreadinstructiontotheseaddresseswill
returnthevalue"00H".
Bank 0
Bank 1
: unused� �ead as 00H
40H
41H
4�H
4�H
EEA
EED
PTM1C0
PTM1C1
44H
PTM1DL
45H
PTM1DH
4�H
PTM1AL
47H
PTM1AH
48H
PTM1RPL
49H
PTM1RPH
4AH
4BH
4CH
4DH
4EH
4FH
SLEDC0
50H
SLEDC1
51H
ADUDA0
5�H
7FH
ADUDA1
5�H
ADUC0
54H
ADUC1
55H
DACL
5�H
DACH
57H
58H
INTC0
59H
INTC1
5AH
INTC1
5BH
5CH
00H
01H
0�H
0�H
IAR0
MP0
IAR1
MP1
BP
04H
ACC
05H
PCL
0�H
TBLP
07H
TBLH
08H
TBHP
09H
STATUS
0AH
LVDC
0BH
INTEG
0CH
SCC
0DH
HIRCC
0EH
RSTFC
0FH
SADOL
10H
SADOH
11H
SADC0
1�H
SADC1
1�H
PA
14H
PAC
15H
PAPU
1�H
PAWU
17H
PAS0
18H
PAS1
19H
WDTC
1AH
PB
1BH
PBC
1CH
PBPU
1DH
PBS0
1EH
PBS1
1FH
PC
�0H
PCC
�1H
PCPU
��H
PCS0
��H
�4H
TBC
�5H
SCOMC
��H
STMC0
�7H
�8H
STMC1
�9H
STMDL
�AH
STMDH
�BH
STMAL
�CH
STMAH
�DH
CHRGEN
�EH
�FH
DACC
�0H
SENSW
A0VOS
PGDR
�1H
��H
��H
MFI0
MFI1
MFI�
PTM0C0
PTM0C1
PTM0DL
�4H
�5H
��H
�7H
�8H
�9H
�AH
PTM0DH
PTM0AL
PTM0AH
PTM0RPL
PTM0RPH
�BH
�CH
�DH
�EH
�FH
EEC
Bank 0
Bank 1
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com