Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
Rev. 1.10
18
De�e��e� 1�� �01�
Rev. 1.10
19
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
USB Auto Detector Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDAC
DAC Ope�ation Voltage
—
—
�.�
—
5.5
V
IDAC
DAC Ope�ation Cu��ent
�V No load
—
0.�
0.9
�A
5V No load
—
1.0
1.5
�A
IDACSD
DAC Shutdown Cu��ent
—
No load
—
—
0.1
μA
NR
DAC Resolution
—
—
—
8
—
�its
DNL
DAC Diffe�ential Nonlinea�ity
—
No load� DAC �efe�en�e=VDD
—
—
±1
LSB
INL
DAC Integ�al Nonlinea�ity
—
No load� DAC �efe�en�e=VDD
—
—
±�
LSB
VDACO
Output Voltage Range
—
Code=00H
VSS
—
VSS
+ 0.�
V
—
Code=0FFH
VREF
- 0.�
—
VREF
V
VREF
Refe�en�e Voltage
—
—
�
—
VDD
V
tST
Settling Ti�e
�V CLOAD=50pF
—
—
�.�
μs
5V CLOAD=50pF
—
—
�.�
μs
RO
R�R Output Resisto�
�V
—
—
�
—
kΩ
5V
—
—
5
—
kΩ
RON
Analog Swit�h on Resistan�e
�etween D+ and D-
5V
—
—
�5
�5
Ω
RPL1
Pull-low Resistan�e fo� D+
�.5V
—
700 1�00 1850
kΩ
5V
400
900 1400
kΩ
RPL�
Pull-low Resistan�e fo� D-
�.5V
—
15
�0
��
kΩ
5V
15
�0
��
kΩ
ERR
The E��o� fo� D+� D- Output
Voltage
5V
DAC �efe�en�e=VDD�
DAC digital value=144�
D+, D- connect 150kΩ to ground
�.57
�.7
�.84
V
5V
DAC �efe�en�e=VDD�
DAC digital value=107�
D+, D- connect 150kΩ to ground
1.9
�.0
�.1
V
RD
The Su� of Dx_R1 and Dx_R�
�V
—
�
4
�
kΩ
5V
—
�
4
�
kΩ
RRD
The Ratio of Dx_R1/Dx_R�
�V
—
-�%
1:1
+�%
—
5V
—
-�%
1:1
+�%
—
VOH
Output High Voltage fo� I/O Po�ts
�V IOH= -7�A
�.7
—
—
V
5V IOH= -14�A
4.5
—
—
V
VOL
Output Low Voltage fo� I/O Po�ts
�V IOL=�1�A
—
—
0.�
V
5V IOL=���A
—
—
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com