Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 138 page
background image
Rev. 1.10
1�
De�e��e� 1�� �01�
Rev. 1.10
17
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Reference Voltage Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VBG
Bandgap Refe�en�e Voltage
—
—
- 5%
1.09 + 5%
V
tBGS
VBG Tu�n on Sta�le Ti�e
—
—
—
—
150
μs
Note:TheVBGvoltageisusedastheA/Dconverterinternalsignalinput.
LCD Electrical Characteristics
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
IBIAS
VDD/� �ias �u��ent fo� LCD
5V
ISEL[1:0]=00B
17.5
�5
��.5
μA
5V
ISEL[1:0]=01B
�5
50
�5
μA
5V
ISEL[1:0]=10B
70
100
1�0
μA
5V
ISEL[1:0]=11B
140
�00
��0
μA
VSCOM
VDD/� voltage fo� LCD COM po�t
�.�V~5.5V No load
0.475
VDD
0.5
VDD
0.5�5
VDD
V
DAC Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
�.�
—
5.5
V
VDACO
Output Voltage Range
—
—
VSS
—
VDD
V
IDAC
Additional Cu��ent fo� DAC Ena�le
5V
—
—
500
�00
μA
Note:DACVoltageFormula:(D[11:0]/212)×VDD.
OPA Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ.
Max.
Unit
VDD
Conditions
D.C. Characteristics
VDD
Ope�ating Voltage
—
—
�.�
—
5.5
V
VOS
Input Offset Voltage
5V Without �ali��ation
(A0OF[4:0]=10000B)
-15
—
15
�V
5V With �ali��ation
-4
—
+4
�V
VCM
Co��on Mode Voltage Range 5V
—
VSS
—
VDD-1.4
V
ISOURCE
Output Cu��ent
5V
INP=1V� INN=0V� VOUT=4.5V
�
5
—
�A
ISINK
INP=0V� INN=1V� VOUT=0.5V
5
7
—
�A
A.C. Characteristics
AOL
Open Loop Gain
5V
—
�0
80
—
dB
SR
Slew Rate
5V No load
—
0.�
—
V/μs
GBW
Gain Bandwidth
5V V
CM
=VDD-1.4� RL=1MΩ,
CL=100pF
1
�
—
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com