Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 79 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 83Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 138 page
background image
Rev. 1.10
78
De�e��e� 1�� �01�
Rev. 1.10
79
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
PTMnC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
PTnPAU PTnCK� PTnCK1 PTnCK0
PTnON
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
POR
0
0
0
0
0
—
—
—
Bit7
PTnPAU:PTMncounterpausecontrol
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditionthePTMnwillremainpowered
upandcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhen
thisbitchangesfromlowtohighandresumecountingfromthisvaluewhenthebit
changestoalowvalueagain.
Bit6~4
PTnCK2~PTnCK0:SelectPTMncounterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fSUB
101:fSUB
110:PTCKnrisingedgeclock
111:PTCKnfallingedgeclock
ThesethreebitsareusedtoselecttheclocksourceforthePTMn.Theexternalpin
clocksourcecanbechosentobeactiveontherisingorfallingedge.Theclocksource
fSYSisthesystemclock,whilefHandfSUBareotherinternalclocks,thedetailsofwhich
canbefoundintheoscillatorsection.
Bit3
PTnON:PTMncounteron/offcontrol
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionofthePTMn.Settingthebithighenables
thecountertorun,clearingthebitdisablesthePTMn.Clearingthisbittozerowill
stopthecounterfromcountingandturnoffthePTMnwhichwillreduceitspower
consumption.Whenthebitchangesstatefromlowtohightheinternalcountervalue
willberesettozero,howeverwhenthebitchangesfromhightolow,theinternal
counterwillretainitsresidualvalueuntilthebitreturnshighagain.
IfthePTMnisintheCompareMatchOutputMode,PWMoutputModeorSingle
PulseOutputModethenthePTMnoutputpinwillberesettoitsinitialcondition,as
specifiedbythePTnOCbit,whenthePTnONbitchangesfromlowtohigh.
Bit2~0
Unimplemented,readas"0"
PTMnC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
PTnM1
PTnM0 PTnIO1 PTnIO0 PTnOC PTnPOL PTnCAPTS
PTnCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PTnM1~PTnM0:SelectPTMnoperatingmode
00:Comparematchoutputmode
01:Captureinputmode
10:PWMoutputmodeorsinglepulseoutputmode
11:Timer/Countermode
ThesebitssetuptherequiredoperatingmodeforthePTMn.Toensurereliable
operationthePTMnshouldbeswitchedoffbeforeanychangesaremadetothe
PTnM1andPTnM0bits.IntheTimer/CounterMode,thePTMnoutputpincontrol
mustbedisabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com