Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 138 page
background image
Rev. 1.10
94
De�e��e� 1�� �01�
Rev. 1.10
95
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Controllingthepoweron/offfunctionoftheA/Dconvertercircuitryisimplementedusingthe
ADCENbitintheSADC0register.ThisbitmustbesethightopowerontheA/Dconverter.When
theADCENbitissethightopowerontheA/Dconverterinternalcircuitryacertaindelay,as
indicatedinthetimingdiagram,mustbeallowedbeforeanA/Dconversionisinitiated.Evenif
nopinsareselectedforuseasA/Dinputs,iftheADCENbitishigh,thensomepowerwillstillbe
consumed.InpowerconsciousapplicationsitisthereforerecommendedthattheADCENissetlow
toreducepowerconsumptionwhentheA/Dconverterfunctionisnotbeingused.
A/D Converter Reference Voltage
ThereferencevoltagesupplytotheA/Dconvertercanbesuppliedfromthepositivepowersupply
pin,AVDD,orfromanexternalreferencesourcesuppliedonpinVREF.Thedesiredselectionis
madeusingtheSAVRS1andSAVRS0bits.WhentheSAVRSbitfieldissetto"01",theA/Dconverter
referencevoltagewillsimultaneouslycomefromtheAVDDpinandVREFpin.Otherwise,ifthe
SAVRSbitfieldissettoanyothervalueexcept"01",theA/Dconverterreferencevoltagewillcome
fromtheVREFpin.AstheA/DconverterandUSBAutoDetectorD/Aconverterexternalreference
voltagecomefromthesameVREFpin,whentheVREFpinisselectedastheA/Dconverter
referencevoltagesupplypin,theUSBAutoDetectorD/Aconverterreferencevoltageselectionbit
DACVRSbitfieldshouldbealsoproperlyconfiguredexceptthepin-sharedfunctioncontrolbitsto
avoidfunctionalabnormity.However,iftheinternalA/Dconverterpowerisselectedasthereference
voltage,theVREFpinmustnotbeconfiguredasthereferencevoltageinputfunctionfortheA/D
convertertoavoidtheinternalconnectionbetweentheVREFpintoA/DconverterpowerAVDD.The
analoginputvaluesmustnotbeallowedtoexceedthevalueoftheselectedreferencevoltage,AVDD
orVREF.
ThefollowingtableshowshowtoproperlyselectreferencevoltagefortheA/DconverterorUSB
AutoDetectorD/Aconverter.
A/D Converter
Reference
Voltage Selection
USB Auto Detector
Reference
Voltage Selection
SAVRS[1:0]
DACVRS[1:0]
PAS01~PAS00
AVDD
AVDD
01
00
Othe�s ex�ept "11"
AVDD
VREF
01
01�10
10
VREF
AVDD
Othe�s ex�ept "01"
00
11
VREF
VREF
Othe�s ex�ept "01"
01�10
11
A/D Converter Input Signals
AlltheexternalA/Danalogchannelinputpinsarepin-sharedwiththeI/Opinsaswellasother
functions.ThecorrespondingcontrolbitsforeachA/DexternalinputpininthePAS0andPAS1
registerdeterminewhethertheinputpinsaresetupasA/Dconverteranaloginputsorwhether
theyhaveotherfunctions.IfthepinissetuptobeasanA/Danalogchannelinput,theoriginalpin
functionswillbedisabled.Inthisway,pinscanbechangedunderprogramcontroltochangetheir
functionbetweenA/Dinputsandotherfunctions.Allpullhighresistors,whicharesetupthrough
registerprogramming,willbeautomaticallydisconnectedifthepinsaresetupasA/Dinputs.Note
thatitisnotnecessarytofirstsetuptheA/Dpinasaninputintheportcontrolregistertoenablethe
A/Dinputaswhenthepin-sharedfunctioncontrolbitsenableanA/Dinput,thestatusoftheport
controlregisterwillbeoverridden.
TherearefourinternalanalogsignalsderivedfromtheBandgapreferencevoltageVBG,10×IS,and
USBD+/D-internaldividerregistersoutputvoltageVDPVDO/VDNVDO,whichcanbeconnectedtothe
A/DconverterastheanaloginputsignalbyconfiguringtheSAINS2~SAINS0bits.Iftheexternal
channelinputisselectedtobeconverted,theSAINS2~SAINS0bitsshouldbesetto"000"andthe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com