Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 138 page
background image
Rev. 1.10
78
De�e��e� 1�� �01�
Rev. 1.10
79
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Periodic Type TM – PTM
ThePeriodicTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/
EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.ThePeriodicTMcan
becontrolledwithtwoexternalinputpinsandcandrivetwoexternaloutputpins.
PTCKn
10-�it Count-up Counte�
10-�it Co�pa�ato� P
CCRP
10-�it Co�pa�ato� A
Output
Cont�ol
Pola�ity
Cont�ol
Pin
Cont�ol
PTPn
CCRA
Edge
Dete�to�
PTPnI
Pin
Cont�ol
PTPnB
PTnCCLR
fSYS
fSYS/4
fH/�4
fH/1�
fSUB
PTnCK�~PTnCK0
PTnON
PTnPAU
Co�pa�ato� A Mat�h
Co�pa�ato� P Mat�h
Counte� Clea�
PTnOC
PTnM1� PTnM0
PTnIO1� PTnIO0
PTMnAF Inte��upt
PTMnPF Inte��upt
PTnPOL
PxSn
PTnIO1� PTnIO0
fSUB
PxSn
PTnCAPTS
000
001
010
011
100
101
110
111
�0~�9
�0~�9
0
1
1
0
Periodic Type TM Block Diagram (n=0 or 1)
Periodic TM Operation
ThePeriodicTypeTMcoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternal
orexternalclocksource.Therearealsotwointernalcomparatorswiththenames,ComparatorA
andComparatorP.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRA
registers.TheCCRPcomparatoris10-bitwide.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingthePTnONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aPTMninterruptsignalwillalsousuallybegenerated.ThePeriodic
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolmorethanoneoutputpin.Alloperatingsetup
conditionsareselectedusingrelevantinternalregisters.
Periodic Type TM Register Description
OveralloperationofthePeriodicTypeTMiscontrolledusingaseriesofregisters.Areadonly
registerpairexiststostoretheinternalcounter10-bitvalue,whiletworead/writeregisterpairsexist
tostoretheinternal10-bitCCRAvalueandCCRPvalue.Theremainingtworegistersarecontrol
registerswhichsetupthedifferentoperatingandcontrolmodes.
Register
Name
Bit
7
6
5
4
3
2
1
0
PTMnC0 PTnPAU PTnCK� PTnCK1 PTnCK0 PTnON
—
—
—
PTMnC1
PTnM1
PTnM0
PTnIO1 PTnIO0 PTnOC PTnPOL PTnCAPTS PTnCCLR
PTMnDL
D7
D�
D5
D4
D�
D�
D1
D0
PTMnDH
—
—
—
—
—
—
D9
D8
PTMnAL
D7
D�
D5
D4
D�
D�
D1
D0
PTMnAH
—
—
—
—
—
—
D9
D8
PTMnRPL
D7
D�
D5
D4
D�
D�
D1
D0
PTMnRPH
—
—
—
—
—
—
D9
D8
10-bit Periodic TM Register List (n=0 or 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com