Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 138 page
background image
Rev. 1.10
58
De�e��e� 1�� �01�
Rev. 1.10
59
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Bit3~2
PBS03~PBS02:PB1Pin-sharedfunctionselection
00:PB1/PTPI
01:PB1/PTPI
10:PB1/PTPI
11:PB1/PTPI
Bit1~0
PBS01~PBS00:PB0Pin-sharedfunctionselection
00:PB0/PTCK/INT1
01:PB0/PTCK/INT1
10:PB0/PTCK/INT1
11:PB0/PTCK/INT1
PBS1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
PBS17
PBS1�
PBS15
PBS14
PBS1�
PBS1�
PBS11
PBS10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PBS17~PBS16:PB7Pin-sharedfunctionselection
00:PB7
01:SCOM3
10:PB7
11:PB7
Bit5~4
PBS15~PBS14:PB6Pin-sharedfunctionselection
00:PB6
01:SCOM2
10:PB6
11:PB6
Bit3~2
PBS13~PBS12:PB5Pin-sharedfunctionselection
00:PB5
01:SCOM1
10:PB5
11:PB5
Bit1~0
PBS11~PBS10:PB4Pin-sharedfunctionselection
00:PB4
01:SCOM0
10:PTP1
11:PB4
PCS0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
PCS07
PCS0�
PCS05
PCS04
PCS0�
PCS0�
PCS01
PCS00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PCS07~PCS06:PC3Pin-sharedfunctionselection
00:PC3/PTCK1
01:PC3/PTCK1
10:PC3/PTCK1
11:PC3/PTCK1
Bit5~4
PCS05~PCS04:PC2Pin-sharedfunctionselection
00:PC2
01:PTP1B
10:PC2
11:PC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com