Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 85 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 138 page
background image
Rev. 1.10
84
De�e��e� 1�� �01�
Rev. 1.10
85
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Timer/Counter Mode
Toselectthismode,bitsPTnM1andPTnM0inthePTMnC1registershouldbesetto11
respectively.TheTimer/CounterModeoperatesinanidenticalwaytotheCompareMatchOutput
Modegeneratingthesameinterruptflags.TheexceptionisthatintheTimer/CounterModethe
TMoutputpinisnotused.ThereforetheabovedescriptionandTimingDiagramsfortheCompare
MatchOutputModecanbeusedtounderstanditsfunction.AstheTMoutputpinisnotusedinthis
mode,thepincanbeusedasanormalI/Opinorotherpin-sharedfunction.
PWM Output Mode
Toselectthismode,bitsPTnM1andPTnM0inthePTMnC1registershouldbesetto10
respectively.ThePWMfunctionwithinthePTMnisusefulforapplicationswhichrequirefunctions
suchasmotorcontrol,heatingcontrol,illuminationcontroletc.Byprovidingasignaloffixed
frequencybutofvaryingdutycycleonthePTMnoutputpin,asquarewaveACwaveformcanbe
generatedwithvaryingequivalentDCRMSvalues.
AsboththeperiodanddutycycleofthePWMwaveformcanbecontrolled,thechoiceofgenerated
waveformisextremelyflexible.InthePWMOutputMode,thePTnCCLRbithasnoeffectonthe
PWMoperation.BothoftheCCRAandCCRPregistersareusedtogeneratethePWMwaveform,
oneregisterisusedtocleartheinternalcounterandthuscontrolthePWMwaveformfrequency,
whiletheotheroneisusedtocontrolthedutycycle.ThePWMwaveformfrequencyanddutycycle
canthereforebecontrolledbythevaluesintheCCRAandCCRPregisters.
Aninterruptflag,oneforeachoftheCCRAandCCRP,willbegeneratedwhenacomparematch
occursfromeitherComparatorAorComparatorP.ThePTnOCbitinthePTMnC1registerisused
toselecttherequiredpolarityofthePWMwaveformwhilethetwoPTnIO1andPTnIO0bitsare
usedtoenablethePWMoutputortoforcethePTMnoutputpintoafixedhighorlowlevel.The
PTnPOLbitisusedtoreversethepolarityofthePWMoutputwaveform.
• 10-bit PTMn, PWM Mode, Edge-aligned Mode
CCRP
1~1023
0
Pe�iod
1~10��
10�4
Duty
CCRA
IffSYS=8MHz,PTMnclocksourceselectfSYS/4,CCRP=512andCCRA=128,
ThePTMnPWMoutputfrequency=(fSYS/4)/512=fSYS/2048=3.906kHz,duty=128/(2×256)=25%.
IftheDutyvaluedefinedbytheCCRAregisterisequaltoorgreaterthanthePeriodvalue,thenthe
PWMoutputdutyis100%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com