Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5R Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 138 page
background image
Rev. 1.10
14
De�e��e� 1�� �01�
Rev. 1.10
15
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
A.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
VDD
Condition
fSYS
Syste� Clo�k (HIRC)
�.4V ~ 5.5V fSYS=fHIRC=8MHz
—
8
—
MHz
Syste� Clo�k (LIRC)
�.�V ~ 5.5V fSYS=fLIRC=��kHz
—
��
—
kHz
fHIRC
High Speed Inte�nal RC
Os�illato� (HIRC)
�V/5V
Ta=�5°C
- �%
8
+ �%
MHz
�V/5V
Ta=0°C ~ 70°C
- 5%
8
+ 5%
MHz
�.�V ~ 5.5V Ta=0°C ~ 70°C
- 8%
8
+ 8%
MHz
�.�V ~ 5.5V Ta= -40°C ~ 85°C
- 1�%
8
+ 1�% MHz
fLIRC
Low Speed Inte�nal RC
Os�illato� (LIRC)
�.�V ~ 5.5V Ta= -40°C ~ 85°C
4
��
80
kHz
tRSTD
Syste� Reset Delay Ti�e
(POR Reset� LVR Ha�dwa�e
Reset� WDT Softwa�e Reset)
—
—
10
50
100
�s
Syste� Reset Delay Ti�e
(WDT Ti�e-out Ha�dwa�e Cold
Reset)
—
—
10
1�.7
50
�s
tSST
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� Powe� Down
Mode and fSYS off)
—
fSYS=fH ~ fH / �4�
fH=fHIRC
1�
—
—
tHIRC
—
fSYS=fSUB=fLIRC
�
—
—
tLIRC
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� Powe� Down
Mode and fSYS on)
—
fSYS=fLIRC
�
—
—
tsys
tINT
Exte�nal Inte��upt Mini�u�
Pulse Width
—
—
0.�
—
—
μs
tEERD
EEPROM Read Ti�e
—
—
—
�
5
tSYS
tEEWR
EEPROM W�ite Ti�e
—
—
—
�
7
�s
tTCK
STCK and PTCKn Pin Mini�u�
Pulse Width
—
—
0.�
—
—
μs
tTPI
STPI and PTPnI Pin Mini�u�
Pulse Width
—
—
0.�
—
—
μs
Note:1.tSYS=1/fSYS.
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com