Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 15Page - Texas Instruments LP5569ARTWR Datasheet HTML 16Page - Texas Instruments LP5569ARTWR Datasheet HTML 17Page - Texas Instruments LP5569ARTWR Datasheet HTML 18Page - Texas Instruments LP5569ARTWR Datasheet HTML 19Page - Texas Instruments LP5569ARTWR Datasheet HTML 20Page - Texas Instruments LP5569ARTWR Datasheet HTML 21Page - Texas Instruments LP5569ARTWR Datasheet HTML 22Page - Texas Instruments LP5569ARTWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
19
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Thermal shutdown is most often triggered by self-heating, which occurs when there is excessive power
dissipation in the device and/or insufficient thermal dissipation. LP5569 power dissipation increases with
increased output current and input voltage. When self-heating brings on thermal shutdown, thermal cycling is the
typical result. Thermal cycling is the repeating process where the part self-heats, enters thermal shutdown
(where internal power dissipation is practically zero), cools, turns on, and then heats up again to the thermal
shutdown threshold. Thermal cycling is recognized by a pulsing output voltage and can be stopped by reducing
the internal power dissipation (reduce input voltage and/or output current) or the ambient temperature. If thermal
cycling occurs under desired operating conditions, thermal dissipation performance must be improved to
accommodate the power dissipation of the LP5569 device. The QFN package is designed to have excellent
thermal properties that, when soldered to a PCB designed to aid thermal dissipation, allows the LP5569 device to
operate under very demanding power-dissipation conditions.
8.3.5.2 Undervoltage Lockout (UVLO)
The LP5569 device has an internal comparator that monitors the voltage at VIN. If the input voltage drops to
2.2 V (nominal), undervoltage is detected, the LED outputs and the charge pump shut down, and the
corresponding fault bit is set in the fault register. Hysteresis is implemented for the threshold level to avoid
continuous triggering of a fault when the threshold is reached. If the input voltage rises above 2.3 V (nominal),
the LP5569 device resumes normal operation.
8.3.5.3 Power-On Reset (POR)
The LP5569 device has internal comparators that monitor the voltages at VIN and V1P8. When VVIN is below 2.2
V or V1P8 is below 1.3 V, reset is active and the LP5569 device is in the DISABLED state.
8.3.5.4 LED Fault Detection
The LP5569 device contains both open-LED and shorted-LED fault detection. These fault detections are
designed to be used in production-level testing and not normal operation. For the fault flags to operate, they must
be enabled via the MISC2 register (address 33h) LED_OPEN_TEST and LED_SHORT_TEST bits. The fault
flags are shared by both open-LED and shorted-LED tests so only one can be enabled at a time. The default
LED-fault status is ready in the LED_FAULT1 and LED_FAULT2 registers (addresses 81h and 82h). The
following sections detail the proper procedure for reading back open and short faults in the LED strings.
8.3.5.4.1
Open LED
The LP5569 device features one fault flag per LED, indicating one or more of the active low-voltage LED strings
are open. An open in a low-voltage LED string is flagged if the voltage at the input to any active low-voltage
current sink goes below the drv_headroom[1:0] setting in the MISC2 register. The procedure for detecting an
open-LED fault is:
1. Set the LP5569 device in the STANDBY state.
2. Configure the charge pump in the 1.5× mode.
3. Set the LED_OPEN_TEST bit = 1 in the MISC2 register (address 33h).
4. Set the chip_en bit = 1 in the CONTROL register (address 0h) with the LP5569 device in the NORMAL state.
5. Wait at least 500 µs.
6. Enable all LEDs, and set all LEDs to 100% brightness.
7. Wait at least 500 µs.
8. Check the fault status of the LED_FAULT1 and LED_FAULT2 registers.
9. Set the LED_OPEN_TEST bit = 0 in the MISC2 register (address 33h).
10. Set all LEDs to 0% brightness.
8.3.5.4.2
Shorted LED
The LP5569 device features one fault flag per LED, indicating when any active LED is shorted (anode to
cathode). During the LED short test, the charge pump is forced to the 1× mode. A short in the LED is determined
when the LED voltage (VIN –V LEDx) falls below 1 V. The procedure for detecting a shorted-LED fault is:
1. Set the LP5569 device in the STANDBY state.
2. Configure the charge pump in the 1× mode, set LED PWM (0x16–0x1E) and LED current (0x22–0x2A) to
maximum value, depending on the LED channel being tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com