Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 76 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 72Page - Texas Instruments LP5569ARTWR Datasheet HTML 73Page - Texas Instruments LP5569ARTWR Datasheet HTML 74Page - Texas Instruments LP5569ARTWR Datasheet HTML 75Page - Texas Instruments LP5569ARTWR Datasheet HTML 76Page - Texas Instruments LP5569ARTWR Datasheet HTML 77Page - Texas Instruments LP5569ARTWR Datasheet HTML 78Page - Texas Instruments LP5569ARTWR Datasheet HTML 79Page - Texas Instruments LP5569ARTWR Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
76
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 104. PWM_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7–6
pwm_min_pulse_width
R/W
0h
Minimum output PWM pulse duration allowed. Applies to all PWM
outputs.
00 = Minimum PWM pulse duration = 1 clk period (100 ns, default)
01 = Minimum PWM pulse duration = 2 clk periods (200 ns)
10 = Minimum PWM pulse duration = 3 clk periods (300 ns)
11 = Minimum PWM pulse duration = 4 clk periods (400 ns)
5–4
RESERVED
R/W
0h
3
pwm_input_edge_sel
R/W
0h
PWM input period measurement select.
0h = PWM period is measured from rising edge to rising edge.
(default)
1h = PWM period is measured from falling edge to falling edge.
2–0
pwm_input_hysteresis
R/W
4h
PWM input hysteresis select
0h = No hysteresis
1h = 1 LSB
2h = 2 LSBs
3h = 3 LSBs
4h = 4 LSBs (default)
5h = 5 LSBs
6h = 6 LSBs
7h = 7 LSBs
8.6.1.90 LED_FAULT1 Register (Address = 81h) [reset = 0h]
LED_FAULT1 is shown in Figure 116 and described in Table 105.
Return to Summary Table.
LED Fault 1 Register
Figure 116. LED_FAULT1 Register
7
6
5
4
3
2
1
0
RESERVED
led_fault8
R-0h
R-0h
Table 105. LED_FAULT1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–1
RESERVED
R
0h
0
led_fault8
R
0h
LED fault status for LED8
8.6.1.91 LED_FAULT2 Register (Address = 82h) [reset = 0h]
LED_FAULT2 is shown in Figure 117 and described in Table 106.
Return to Summary Table.
LED Fault 2 Register
Figure 117. LED_FAULT2 Register
7
6
5
4
3
2
1
0
led_fault_7
led_fault_6
led_fault_5
led_fault_4
led_fault_3
led_fault_2
led_fault_1
led_fault_0
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com