Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 35Page - Texas Instruments LP5569ARTWR Datasheet HTML 36Page - Texas Instruments LP5569ARTWR Datasheet HTML 37Page - Texas Instruments LP5569ARTWR Datasheet HTML 38Page - Texas Instruments LP5569ARTWR Datasheet HTML 39Page - Texas Instruments LP5569ARTWR Datasheet HTML 40Page - Texas Instruments LP5569ARTWR Datasheet HTML 41Page - Texas Instruments LP5569ARTWR Datasheet HTML 42Page - Texas Instruments LP5569ARTWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
39
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 14. LP5569_MAP Registers (continued)
ADDRESS
ACRONYM
REGISTER NAME
SECTION
46h
MASTER_FADER1
Engine 1 Master Fader
Go
47h
MASTER_FADER2
Engine 2 Master Fader
Go
48h
MASTER_FADER3
Engine 3 Master Fader
Go
4Ah
MASTER_FADER_PWM
PWM Input Duty Cycle
Go
4Bh
ENGINE1_PROG_START
Engine 1 Program Starting Address
Go
4Ch
ENGINE2_PROG_START
Engine 2 Program Starting Address
Go
4Dh
ENGINE3_PROG_START
Engine 2 Program Starting Address
Go
4Fh
PROG_MEM_PAGE_SELECT
Program Memory Page Select
Go
50h
PROGRAM_MEM_00
MSB 0
Go
51h
PROGRAM_MEM_01
LSB 0
Go
52h
PROGRAM_MEM_02
MSB 1
Go
53h
PROGRAM_MEM_03
LSB 1
Go
54h
PROGRAM_MEM_04
MSB 2
Go
55h
PROGRAM_MEM_05
LSB 2
Go
56h
PROGRAM_MEM_06
MSB 3
Go
57h
PROGRAM_MEM_07
LSB 3
Go
58h
PROGRAM_MEM_08
MSB 4
Go
59h
PROGRAM_MEM_09
LSB 4
Go
5Ah
PROGRAM_MEM_10
MSB 5
Go
5Bh
PROGRAM_MEM_11
LSB 5
Go
5Ch
PROGRAM_MEM_12
MSB 6
Go
5Dh
PROGRAM_MEM_13
LSB 6
Go
5Eh
PROGRAM_MEM_14
MSB 7
Go
5Fh
PROGRAM_MEM_15
LSB 7
Go
60h
PROGRAM_MEM_16
MSB 8
Go
61h
PROGRAM_MEM_17
LSB 8
Go
62h
PROGRAM_MEM_18
MSB 9
Go
63h
PROGRAM_MEM_19
LSB 9
Go
64h
PROGRAM_MEM_20
MSB 10
Go
65h
PROGRAM_MEM_21
LSB 10
Go
66h
PROGRAM_MEM_22
MSB 11
Go
67h
PROGRAM_MEM_23
LSB 11
Go
68h
PROGRAM_MEM_24
MSB 12
Go
69h
PROGRAM_MEM_25
LSB 12
Go
6Ah
PROGRAM_MEM_26
MSB 13
Go
6Bh
PROGRAM_MEM_27
LSB 13
Go
6Ch
PROGRAM_MEM_28
MSB 14
Go
6Dh
PROGRAM_MEM_29
LSB 14
Go
6Eh
PROGRAM_MEM_30
MSB 15
Go
6Fh
PROGRAM_MEM_31
LSB 15
Go
70h
ENGINE1_MAPPING1
Engine 1 LED [8] and Master Fader Mapping
Go
71h
ENGINE1_MAPPING2
Engine 1 LED [7:0] Mapping
Go
72h
ENGINE2_MAPPING1
Engine 2 LED [8] and Master Fader Mapping
Go
73h
ENGINE2_MAPPING2
Engine 2 LED [7:0] Mapping
Go
74h
ENGINE3_MAPPING1
Engine 3 LED [8] and Master Fader Mapping
Go
75h
ENGINE3_MAPPING2
Engine 3 LED [7:0] Mapping
Go
80h
PWM_CONFIG
PWM Input Configuration
Go



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com