Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569ARTWR Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569ARTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569ARTWR Datasheet(HTML) 77 Page - Texas Instruments

Back Button LP5569ARTWR Datasheet HTML 73Page - Texas Instruments LP5569ARTWR Datasheet HTML 74Page - Texas Instruments LP5569ARTWR Datasheet HTML 75Page - Texas Instruments LP5569ARTWR Datasheet HTML 76Page - Texas Instruments LP5569ARTWR Datasheet HTML 77Page - Texas Instruments LP5569ARTWR Datasheet HTML 78Page - Texas Instruments LP5569ARTWR Datasheet HTML 79Page - Texas Instruments LP5569ARTWR Datasheet HTML 80Page - Texas Instruments LP5569ARTWR Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
77
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 106. LED_FAULT2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
led_fault_7
R
0h
LED fault status for LED7
6
led_fault_6
R
0h
LED fault status for LED6
5
led_fault_5
R
0h
LED fault status for LED5
4
led_fault_4
R
0h
LED fault status for LED4
3
led_fault_3
R
0h
LED fault status for LED3
2
led_fault_2
R
0h
LED fault status for LED2
1
led_fault_1
R
0h
LED fault status for LED1
0
led_fault_0
R
0h
LED fault status for LED0
8.6.1.92 GENERAL_FAULT Register (Address = 83h) [reset = 4h]
GENERAL_FAULT is shown in Figure 118 and described in Table 107.
Return to Summary Table.
General Fault Register
Figure 118. GENERAL_FAULT Register
7
6
5
4
3
2
1
0
RESERVED
cp_cap_missin
g
vdd_uvlo
tsd
R-0h
R-1h
R-0h
R-0h
Table 107. GENERAL_FAULT Register Field Descriptions
Bit
Field
Type
Reset
Description
7–3
RESERVED
R
0h
2
cp_cap_missing
R
1h
0 = CP capacitor detected
1 = CP capacitor missing or CP disabled
1
vdd_uvlo
R
0h
0 = No UVLO fault
1 = UVLO fault
0
tsd
R
0h
0 = No TSD fault
1 = TSD fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com